Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B40C5000 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # B40C5000
Description  5.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B40C5000 Datasheet(HTML) 3 Page - Won-Top Electronics

  B40C5000_06 Datasheet HTML 1Page - Won-Top Electronics B40C5000_06 Datasheet HTML 2Page - Won-Top Electronics B40C5000_06 Datasheet HTML 3Page - Won-Top Electronics B40C5000_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B40C5000/3300 – B500C5000/3300
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
230 x 230 x 56
200
500 x 255 x 275
2,000
23.0
Note: 1. Paper box, white or brown color.
BULK
WTE
BxxC5000/3300
WTE
= Manufacturer’s Logo
BxxC5000/3300
= Device Number
xx
= 40, 80, 125, 250, 380, 500
Polarity
= As Marked on Body
+
~ ~ -


Similar Part No. - B40C5000_06

ManufacturerPart #DatasheetDescription
logo
Semikron International
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
198Kb / 2P
   Silicon-Bridge Rectifiers
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
202Kb / 2P
   Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
B40C5000-3000A DIOTEC-B40C5000-3000A Datasheet
161Kb / 2P
   Single Phase Bridge Rectifier
logo
Semikron International
B40C5000-3000 SEMIKRON-B40C5000-3000_06 Datasheet
202Kb / 2P
   Silicon-Bridge Rectifiers
B40C5000-3300 SEMIKRON-B40C5000-3300 Datasheet
184Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - B40C5000_06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C5000 WTE-B40C5000 Datasheet
45Kb / 3P
   5.0A BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com