Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ015YZ5MZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ015YZ5MZ
Description  Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ015YZ5MZ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ015YZ5MZ Datasheet HTML 1Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 2Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 3Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 4Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 5Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 6Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 7Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ015YZ5MZ Series/PQ015YZ01Z Series
I Electrical Characteristics
0.2
0.2
65
60
1
±0.5
1.5
(Unless otherwise specified, condition shall be (PQ015YZ5MZ))
(Unless otherwise specified, condition shall be (PQ015YZ01Z))
V
V
V
%
%
dB
dB
V
%
mA
1.7
VO+0.5
2.35
1.0
0.97
3.7
3.7
7
1.5
1
1
1.03
3
PQ015YZ5MZ
PQ015YZ01Z
VIN
VB
VO
RegL
RegI
RR1
RR2
VREF
TCVREF
IB
On condition that 1.0V
≤ VO ≤ 1.2V
On condition that 1.2V
≤ VO ≤ 1.5V
IO=5mA to 0.5A
IO=5mA to 1A
VIN=1.7 to 3.7V, VB=2.35 to 7V, IO=5mA
Refer to Fig.2
Refer to Fig.3
Tj=0 to 125˚C, IO=5mA
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Parameter
Input voltage
Bias supply voltage
Output voltage
Line regulation
Ripple Rejection
Reference voltage
Temperature coefficient of reference voltage
Bias inflow current
Load regulation
Fig.1
Test Circuit
RL
IB
Iq
IO
VO
VREF
0.33
µF
100
µF
(Rated voltage : 50V)
R1
R2
1k
VIN
0.33
µF
VB
A
A
A
V
V
VO=VREF
(1+R2/R1)
[R1=1k
Ω, VREF .=. 1.0V]
1
3
4
2
5
IO=0.3A
RR=20log (ei(rms)/eo(rms))
f=120Hz (sine wave)
ei(rms)=0.1V
VIN=1.8V, VB=3.3V
IO
RL
R2
VIN
VREF
VB
ei
eo
R1
1k
3.3V
1.8V
0.33
µF
0.33
µF
100
µF
(Rated voltage : 50V)
V
11
3
4
2
5
Fig.2
Test Circuit for Ripple Rejection (1)
Fig.3
Test Circuit for Ripple Rejection (2)
IO=0.3A
RR=20log (eb(rms)/eo(rms))
eb(rms)=0.1V
VIN=1.8V, VB=3.3V
f=120Hz (sine wave)
IO
RL
R2
VIN
VREF
VB
eo
R1
1k
3.3V
1.8V
0.33
µF
0.33
µF
100
µF
(Rated voltage : 50V)
V
11
3
4
2
5
eb


Similar Part No. - PQ015YZ5MZ

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ015 PICO-PQ015 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ015EF01SZH SHARP-PQ015EF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EF02SZH SHARP-PQ015EF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EH01ZPH SHARP-PQ015EH01ZPH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EH01ZZH SHARP-PQ015EH01ZZH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ015YZ5MZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com