Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B32343 Datasheet(PDF) 4 Page - EPCOS

Part No. B32343
Description  Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343 Datasheet(HTML) 4 Page - EPCOS

  B32343 Datasheet HTML 1Page - EPCOS B32343 Datasheet HTML 2Page - EPCOS B32343 Datasheet HTML 3Page - EPCOS B32343 Datasheet HTML 4Page - EPCOS B32343 Datasheet HTML 5Page - EPCOS B32343 Datasheet HTML 6Page - EPCOS B32343 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Capacitors for Power Factor Correction
B32343 / B32344
PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
Rated voltage 440 V
Type
Output
kvar
at 50 Hz
Output
kvar
at 60 Hz
Capacitance
µF
3 x
d x h
mm
Weight
kg
Ordering code
MKP440-D-0.9
0.9
1.00
5.0 53 x 114
0.3 B32343C4011A040
MKP440-D-1.0
1.0
1.20
5.5 53 x 114
0.3 B32343C4012A040
MKP440-D-1.2
1.2
1.50
7.0 53 x 114
0.3 B32343C4011A540
MKP440-D-1.5
1.5
1.70
8.0 53 x 114
0.3 B32343C4012A540
MKP440-D-2.1
2.1
2.50
11.5 53 x 114
0.4 B32343C4021A540
MKP440-D-2.5
2.5
3.00
13.5 63.5 x 129
0.3 B32343C4022A540
MKP440-D-4.2
4.2
5.00
23.0 63.5 x 129
0.4 B32343C4051A040
MKP440-D-5.0
5.0
6.00
27.5 63.5 x 154
0.5 B32343C4052A040
MKP440-D-6.3
6.3
7.50
34.0 79.5 x 195
0.7 B32344C4071A540
MKP440-D-7.5
7.5
9.00
41.0 79.5 x 195
0.8 B32344C4072A540
MKP440-D-8.3
8.3
10.00
45.5 79.5 x 195
0.9 B32344C4101A040
MKP440-D-10
10.0
12.00
55.0 79.5 x 230
1.1 B32344C4102A040
MKP440-D-10.4
10.4
12.50
57.0 89.5 x 270
1.7 B32344C4121A540
MKP440-D-12.5
12.5
15.00
68.5 89.5 x 270
1.7 B32344C4151A040
MKP440-D-15.0
15.0
18.00
82.0 89.5 x 270
1.7 B32344C4152A040
MKP440-D-16.7
16.7
20.00
91.5 89.5 x 345
2.1 B32344C4201A040
MKP440-D-20.8
20.8
25.00
114.0 89.5 x 345
2.1 B32344C4251A040
MKP440-D-25.0
25.0
30.00
138.0 94 x 345
2.1 B32344C4252A040
FK PM PFC
24. Feb. 2003
Page 4 of 7


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn