Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ09RF1V Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ09RF1V
Description  1A Output Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ09RF1V Datasheet(HTML) 5 Page - Sharp Corporation

  PQ09RF1V Datasheet HTML 1Page - Sharp Corporation PQ09RF1V Datasheet HTML 2Page - Sharp Corporation PQ09RF1V Datasheet HTML 3Page - Sharp Corporation PQ09RF1V Datasheet HTML 4Page - Sharp Corporation PQ09RF1V Datasheet HTML 5Page - Sharp Corporation PQ09RF1V Datasheet HTML 6Page - Sharp Corporation PQ09RF1V Datasheet HTML 7Page - Sharp Corporation PQ09RF1V Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ05RF1 Series
Fig.13 Output Voltage vs. Input Voltage
(PQ12RF1/PQ12RF11/PQ12RF1V)
Fig.15 Circuit Operating Current vs. Input Voltage
(PQ09RF1/PQ09RF11/PQ09RF1V)
Fig.17 Dropout Voltage vs. Junction
Temperature
Fig.16 Circuit Operating Current vs. Input Voltage
(PQ12RF1/PQ12RF11/PQ12RF1V)
Fig.18 Quiescent Current vs. Junction
Temperature
Fig.14 Circuit Operating Current vs. Input Voltage
(PQ05RF1/PQ05RF11/PQ05RF1V)
0
0
5
10
15
20
25
5
10
15
20
Input voltage VIN (V)
RL=
RL=24
RL=12
0
05
10
10
20
30
RL=
RL=10
RL=5
40
Input voltage VIN (V)
0
010
15
5
10
20
30
RL=
RL=18
RL=9
40
Input voltage VIN (V)
0
0
5
10
15
20
25
10
20
30
RL=
RL=
RL=24
RL=24
RL=12
RL=12
40
Input voltage VIN (V)
–25
0
50
25
100
75
125
0.5
0.4
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
IO=1A
0.75A
0.5A
0.25A
0
–25
0
25
50
75
100
125
2
4
6
8
VIN=35V
IO=0
10
Junction temperature Tj (˚C)


Similar Part No. - PQ09RF1V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ09RF1V SHARP-PQ09RF1V Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ09RF1V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
   1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05RA1 SHARP-PQ05RA1 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com