Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ2L2152MSPQ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ2L2152MSPQ
Description  2-Output Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2L2152MSPQ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ2L2152MSPQ Datasheet HTML 1Page - Sharp Corporation PQ2L2152MSPQ Datasheet HTML 2Page - Sharp Corporation PQ2L2152MSPQ Datasheet HTML 3Page - Sharp Corporation PQ2L2152MSPQ Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Sheet No.: OP06046
Electrical Characteristics
V
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
-
Symbol
Conditions
MIN.
MAX.
Unit
20
-
0.1
RR
-
Quiescent current
-
-
400
3
3
-
-
-
160
-
30
Output noise voltage
60
dB
Dropout voltage
4
50
4 Typical value of 3.3V output model.
PQ2Lxxx2MSPQ Series
160
30
mV
mV
Refer to Fig.2
0.1
-
-
Refer to list.1
V
-
250
Fig.1 Standard measuring circuit of Regulator portion
Fig.2 Standard measuring circuit of critical rate of ripple rejection
VO
RegL1
RegL2
IO1=5 to 200mA
-
IO2=5 to 200mA
RegI1
RegI2
VIN=VO1(TYP.)+1VtoVO1(TYP.)+6V(MAX.9V),IO1=30mA
20
Temperature coefficient of output voltage
TCVO1
TCVO2
IO1=10mA, Tj=-25 to 75°C
IO2=10mA, Tj=-25 to 75°C
mV/°C
-
Vno(rms)
IO1=100mA,
IO2=200mA,
5
5
1.0
-
0.24
0.4
0.16
-
-
Iq
TYP.
(Unless otherwise specified condition shall be Vin=VO1(TYP.)+1.0V, IO1=0mA,IO2=0mA,Ta=25°C)
Input voltage when output voltage falls 0.1V from that at Vin=VO(TYP)+1.0V.
However,Vin≧2.3V.
V
PQ2L3332MSPQ
PQ2L3252MSPQ
3.234
3.3
3.366
PQ2L3182MSPQ
PQ2L3152MSPQ
3.234
3.3
3.366
3.234
3.3
3.366
2.440
2.5
2.560
3.234
3.3
3.366
1.740
1.8
1.860
3.234
3.3
3.366
1.440
1.5
1.560
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
IO1=30mA, IO2=0mA
IO1=0mA, IO2=30mA
IO1=30mA, IO2=0mA
IO1=0mA, IO2=30mA
IO1=30mA, IO2=0mA
IO1=0mA, IO2=30mA
IO1=30mA, IO2=0mA
IO1=0mA, IO2=30mA
IO1=30mA, IO2=0mA
IO1=0mA, IO2=30mA
IO1=30mA, IO2=0mA
IO1=0mA, IO2=30mA
PQ2L2182MSPQ
2.440
2.5
2.560
1.740
1.8
1.860
PQ2L2152MSPQ
2.440
2.5
2.560
1.440
1.5
1.560
Parameter
Symbol
Conditions
Output voltage
Model No.
MIN.
MAX.
Unit
TYP.
V
A
4
2
3
5
1
A
A
V
Iq
VIN
CIN
1μF
0.01μF10μF
Co2
RL
Io2
Vo2
Co1
4.7μF
Io1
RL
Vo1
~ 
+
+
eo
V
~ 
eo
V
~ 
4
2
3
5
1
ei
VIN
CIN
1μF
0.1 F
10μF
RL
10μF
RL
f=400 Hz (sine wave)
ei(rms)=100 mV
Vin=VO(TYP.)+1.0V
IO=10mA
RR=20log(ei(rms)/eo(rms))
VIN=VO2(TYP.)+1Vto VO2(TYP.)+6V(MAX.9V),IO2=30mA
VI-O1
VI-O2
(VIN=VO1(TYP.)+1.0V, Ta=25°C)
List.1 Output voltage


Similar Part No. - PQ2L2152MSPQ

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
   PQ CORES
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81 FERROXCUBE-PQ20-3C81 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A160 FERROXCUBE-PQ20-3C81-A160 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A250 FERROXCUBE-PQ20-3C81-A250 Datasheet
65Kb / 6P
   PQ cores and accessories
More results

Similar Description - PQ2L2152MSPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1_01 Datasheet
68Kb / 7P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com