Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP78 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 5KP78
Description  5000W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

5KP78 Datasheet(HTML) 3 Page - Won-Top Electronics

  5KP78 Datasheet HTML 1Page - Won-Top Electronics 5KP78 Datasheet HTML 2Page - Won-Top Electronics 5KP78 Datasheet HTML 3Page - Won-Top Electronics 5KP78 Datasheet HTML 4Page - Won-Top Electronics 5KP78 Datasheet HTML 5Page - Won-Top Electronics 5KP78 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5KP SERIES
3 of 6
© 2006 Won-Top Electronics
UNI-DIRECTIONAL 5000 WATT AXIAL LEAD TVS
UNI-DIRECTIONAL
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
5KP5.0
5KP5.0A
5KP6.0
5KP6.0A
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
50
50
50
50
9.6
9.2
11.4
10.3
520
543
439
485
5000
5000
5000
5000
5KP6.5
5KP6.5A
5KP7.0
5KP7.0A
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
50
50
50
50
12.3
11.2
13.3
12.0
407
447
378
417
2000
2000
1000
1000
5KP7.5
5KP7.5A
5KP8.0
5KP8.0A
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.02
9.21
10.90
9.83
5
5
5
5
14.3
12.9
15.0
13.6
350
388
333
367
250
250
150
150
5KP8.5
5KP8.5A
5KP9.0
5KP9.0A
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.50
10.40
12.20
11.20
5
5
5
5
15.9
14.4
16.9
15.4
314
347
295
325
50
50
20
20
5KP10
5KP10A
5KP11
5KP11A
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
13.60
12.30
14.90
13.50
5
5
5
5
18.8
17.0
20.1
18.2
266
294
249
274
10
10
10
10
5KP12
5KP12A
5KP13
5KP13A
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.30
14.70
17.60
15.90
5
5
5
5
22.0
19.9
23.8
21.5
227
251
210
232
10
10
10
10
5KP14
5KP14A
5KP15
5KP15A
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.10
17.20
20.40
18.50
5
5
5
5
25.8
23.2
26.9
24.4
194
215
188
206
10
10
10
10
5KP16
5KP16A
5KP17
5KP17A
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
21.80
19.70
23.10
20.90
5
5
5
5
28.8
26.0
30.5
27.6
176
192
164
181
10
10
10
10
5KP18
5KP18A
5KP20
5KP20A
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
24.40
22.10
27.10
24.50
5
5
5
5
32.2
29.2
35.8
32.4
155
172
139
154
10
10
10
10
5KP22
5KP22A
5KP24
5KP24A
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
29.80
26.90
32.60
29.50
5
5
5
5
39.4
35.5
43.0
38.9
127
141
116
128
10
10
10
10
5KP26
5KP26A
5KP28
5KP28A
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
35.30
31.90
38.00
34.40
5
5
5
5
46.6
42.1
50.0
45.4
107
119
99
110
10
10
10
10
5KP30
5KP30A
5KP33
5KP33A
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
40.70
36.90
44.90
40.60
5
5
5
5
53.5
48.4
59.0
53.3
93
103
85
94
10
10
10
10
5KP36
5KP36A
5KP40
5KP40A
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
48.90
44.20
54.30
49.10
5
5
5
5
64.3
58.1
71.4
64.5
78
85
70
78
10
10
10
10
5KP43
5KP43A
5KP45
5KP45A
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
58.40
52.80
61.10
55.30
5
5
5
5
76.6
69.4
80.3
72.7
65
72
62
69
10
10
10
10
5KP48
5KP48A
5KP51
5KP51A
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
65.10
58.90
69.30
62.70
5
5
5
5
85.5
77.4
91.1
82.4
58
65
55
61
10
10
10
10
5KP54
5KP54A
5KP58
5KP58A
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
73.30
66.30
78.70
71.20
5
5
5
5
96.3
87.1
103.0
93.6
52
57
49
53
10
10
10
10
5KP60
5KP60A
5KP64
5KP64A
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
81.50
73.70
86.90
78.60
5
5
5
5
107.0
96.8
114.0
103.0
47
52
44
49
10
10
10
10
5KP70
5KP70A
5KP75
5KP75A
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
95.10
86.00
102.00
92.10
5
5
5
5
125.0
113.0
134.0
121.0
40
44
37
41
10
10
10
10
5KP78
5KP78A
5KP85
5KP85A
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
106.00
95.80
115.00
104.00
5
5
5
5
139.0
126.0
151.0
137.0
36
40
33
36
10
10
10
10
5KP90
5KP90A
5KP100
5KP100A
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
122.00
111.00
136.00
123.00
5
5
5
5
160.0
146.0
179.0
162.0
31
34
28
31
10
10
10
10
5KP110
5KP110A
110.00
110.00
122.00
122.00
149.00
135.00
5
5
196.0
177.0
26
28
10
10


Similar Part No. - 5KP78

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP78 LUGUANG-5KP78 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP78 SURGE-5KP78 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP78 LUGUANG-5KP78 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Vishay Siliconix
5KP78 VISHAY-5KP78 Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
DONGGUAN YOU FENG WEI E...
5KP78 YFWDIODE-5KP78 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP78

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com