Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PQ1CG21H2FZ Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. PQ1CG21H2FZ
Description  Chopper Regulators TO-220 Type Chopper Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

PQ1CG21H2FZ Datasheet(HTML) 5 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Chopper Regulators
PQ1CG21H2FZ/PQ1CG21H2RZ
Fig.15 Step Down Type Circuit Diagram
Fig.16 Polarity Inversion Type Circuit Diagram
12
L
D
5
3
4
PQ1CG21H2
R1
RS
R2
VO 5V
CO
CIN
CS
VIN
+
+
210
µH
470
µF
100
µF
8 to 35V
3k
1k
ON/OFF control signal
RS≤50kΩ
Load
1
2
L
D
5
3
4
PQ1CG21H2
R1
R2
CO
+
CIN
VIN
VO
−5V
+
130
µH
2 200
µF
100
µF
5 to 30V
3k
1k
RS
CS
ON/OFF control signal
RS≤50kΩ
Load


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn