Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP2Y0A710K0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2Y0A710K0F
Description  Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0A710K0F Datasheet(HTML) 5 Page - Sharp Corporation

  GP2Y0A710K0F Datasheet HTML 1Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 2Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 3Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 4Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 5Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 6Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 7Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 8Page - Sharp Corporation GP2Y0A710K0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GP2Y0A710K0F
Fig. 2 Example of distance measuring characteristics(output)
0
0.5
1
1.5
2
2.5
3
3.5
0
100
200
300
400
500
Distance L (cm)
White paper
Gray paper
0
0.5
1
1.5
2
2.5
3
3.5
0
0.002
0.004
0.006
0.008
0.01
Inverse number of distance 1/L (1/cm)
White paper
Gray paper
Note. Reflection : White paper (reflectance : 90%)
: Gray paper (reflectance: 18%)
Sheet No.: E4-A00301EN
5


Similar Part No. - GP2Y0A710K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
GP2Y0A02YK SHARP-GP2Y0A02YK Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK SHARP-GP2Y0A21YK Datasheet
71Kb / 4P
   General Purpose Type Distance Measuring Sensors
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
More results

Similar Description - GP2Y0A710K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
   Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
GP2Y3A002K0F SHARP-GP2Y3A002K0F_06 Datasheet
435Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm 5 Analog outputs type
GP2Y3A003K0F SHARP-GP2Y3A003K0F_06 Datasheet
433Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 40 to 300 cm 5 Analog outputs type
GP2Y0D02YK0F SHARP-GP2Y0D02YK0F Datasheet
682Kb / 9P
   Distance Measuring Sensor Unit Digital output (80 cm) type
GP2Y0D413K0F SHARP-GP2Y0D413K0F Datasheet
1,011Kb / 9P
   Distance Measuring Sensor Unit Digital output (13 cm) type
GP2Y0D21YK0F SHARP-GP2Y0D21YK0F Datasheet
399Kb / 9P
   Distance Measuring Sensor Unit Digital output (24 cm) type
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
   Distance Measuring Sensor Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com