Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP2S60 Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP2S60
Description  SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP2S60 Datasheet(HTML) 6 Page - Sharp Electrionic Components

Back Button GP2S60_05 Datasheet HTML 2Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 3Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 4Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 5Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 6Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 7Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 8Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 9Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 10Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Sheet No.: D3-A02101EN
GP2S60
Fig.7 Collector Dark Current vs.
Ambient Temperature
Fig.8 Response Time vs. Load
Resistance
Fig.9 Test Circuit for Response Time
Fig.10 Relative Collector Current vs.
Distance
Fig.11 Spectral Sensitivity
10
10
10
6
10
7
10
8
10
9
0
25
50
75
100
Ambient temperature Ta (˚C)
VCE=20V
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Reflector
Plate
1
10
100
1 000
0.1
1
1 000
10
100
Load resistance RL (kΩ)
VCE=2V
IC=100μA
Ta=25˚C
tf
ts
td
tr
0
100
80
60
40
20
600
700
800
900
1 000
1 100
1 200
Wavelength λ (nm)
Ta=25˚C
Al evaporation glass
10
20
30
40
50
60
70
80
90
100
1
4.5
2345
3.5
2.5
1.5
0.5
0
VCE=2V
IF=4mA
Ta=25˚C
Distance between sensor and Aluminum evaporation glass L (mm)
Fig.12 Detecting Position Characteristics (1)
20
40
60
80
100
6
4
2
03
5
1
−3
−1
−2
OMS card moving distance (mm)
VCE=2V
IF=4mA
d=1mm
1mm
d
0
OMS test card
Sensor
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn