Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP2S60 Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP2S60
Description  SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP2S60 Datasheet(HTML) 5 Page - Sharp Electrionic Components

  GP2S60_05 Datasheet HTML 1Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 2Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 3Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 4Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 5Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 6Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 7Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 8Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Sheet No.: D3-A02101EN
GP2S60
Fig.5 Collector Current vs.
Collector-Emitter Voltage
Fig.6 Relative Collector Current vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward
Voltage
Fig.4 Collector Current vs.
Forward Current
100
10
0
0.5
1
1.5
2
2.5
3
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
−25˚C
1
0
100
200
300
400
500
600
700
0
5
10
15
20
Forward current IF (mA)
VCE=2V
Ta=25C
0
100
200
300
400
500
600
02468
10
Collector-emitter voltage VCE (V)
IF=15mA
10mA
7mA
4mA
2mA
Ta=25˚C
−25
VCE=2V
IF=4mA
0
20
40
60
80
100
120
025
50
75
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
20
15
40
60
80
75
100
120
Ptot
−25
0
100
75
50
85
25
P,PC
0
10
20
30
40
50
60
25
0
100
75
50
85
25
Ambient temperature Ta (˚C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn