Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP2S60 Datasheet(PDF) 4 Page - Sharp Electrionic Components

Part No. GP2S60
Description  SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP2S60 Datasheet(HTML) 4 Page - Sharp Electrionic Components

  GP2S60_05 Datasheet HTML 1Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 2Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 3Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 4Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 5Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 6Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 7Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 8Page - Sharp Electrionic Components GP2S60_05 Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Sheet No.: D3-A02101EN
GP2S60
■ Model Line-up
Please contact a local SHARP sales representative to see the actial status of the produiction.
Model No.
Rank
IC(μA)
Conditions
GP2S60
A or B
40 to 130
IF=4mA
VCE=2V
Ta=25˚C
GP2S60A
A
40 to 80
GP2S60B
B
65 to 130


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn