Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1WSMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR1WSMS
Description  1 AMP 1300 ??1900 VOLTS 70 nsec ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1WSMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR1WSMS Datasheet HTML 1Page - Solid States Devices, Inc SDR1WSMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Instantaneous Forward Voltage Drop
(IF = 1 Adc, 300- 500 µs Pulse, TA = 25°C)
VF1
3.60
Vdc
Instantaneous Forward Voltage Drop
(IF = 1 Adc, 300- 500 µs Pulse, TA = -55°C)
VF2
3.80
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 µs Pulse Minimum , TA = 25°C)
IR1
5
µA
Maximum Reverse Leakage Current
(Rated VR, 300 µs Pulse Minimum , TA = 100°C)
IR2
100
µA
Junction Capacitance
(VR = 100Vdc, TA = 25°C , f = 1MHz)
CJ
20
pf
Maximum Reverse Recovery Time 4/
trr
70
ns
DIMENSIONS
DIMENSIONS
DIM. MIN. MAX.
DIM.
MIN.
MAX.
A
.100” .150”
A
.135”
.155”
B
.125” .200”
B
.175”
.250”
C
.027” .033”
C
.022”
.028”
Axial Leaded Case Outline:
D
1.00”
---
D
.002”
---
Square Tab Surface Mount Case
Outline:
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
2/ Screened to MIL-PRF-19500.
5/ For information on operating curves, contact factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1P thru SDR1W
and
SDR1PSMS and SDR1WSMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0001D
DOC


Similar Part No. - SDR1WSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1WSMS SSDI-SDR1WSMS Datasheet
201Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - SDR1WSMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1304 SSDI-SDR1304 Datasheet
139Kb / 2P
   3 AMP, 400 - 800 Volts 70 nsec, Ultra Fast Rectifier
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
   70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
   9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
   6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
RC0103B SSDI-RC0103B Datasheet
215Kb / 2P
   70 nsec ULTRA FAST RECTIFIER
logo
Micro Commercial Compon...
BY133 MCC-BY133_13 Datasheet
242Kb / 3P
   1 Amp Rectifier 1300 Volts
BY133 MCC-BY133 Datasheet
223Kb / 3P
   1 Amp Rectifier 1300 Volts
logo
Solid States Devices, I...
SRS1D SSDI-SRS1D Datasheet
191Kb / 2P
   1 AMP 200-1200 VOLTS 50-65 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com