Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1S94J0000F Datasheet(PDF) 5 Page - Sharp Electrionic Components

Part No. GP1S94J0000F
Description  Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1S94J0000F Datasheet(HTML) 5 Page - Sharp Electrionic Components

  GP1S94J0000F Datasheet HTML 1Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 2Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 3Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 4Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 5Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 6Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 7Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 8Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Sheet No.: D3-A00501EN
GP1S94J0000F
Fig.5 Collector Current vs.
Collector-emitter Voltage
Fig.6 Relative Collector Current vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Collector Current vs.
Forward Current
Fig.1 Forward Current vs.
Ambient Temperature
Fig.2 Power Dissipation vs.
Ambient Temperature
25
0
25
50
75
100
0
10
20
30
40
50
60
85
Ambient temperature Ta (˚C)
Ptot
−25
0
25
50
75
100
0
20
40
60
80
85
100
120
P, Pc
Ambient temperature Ta (˚C)
75
15
0
0.5
1
1.5
2
1
10
100
2.5
3
25˚C
0˚C
25˚C
50˚C
Ta 75˚C
Forward voltage VF (V)
010
20
0
0.2
0.4
0.6
0.8
1
VCE =5V
Ta =25˚C
Forward current IF (mA)
04
28
610
5mA
10mA
IF =50mA
20mA
30mA
40mA
0
0.4
0.6
0.8
1
0.2
Collector-emiiter voltage VCE (V)
25
0
25
50
75 85
120
110
100
90
80
70
60
50
40
30
20
10
0
IF 5mA
VCE 5V
Ambient temperature Ta (˚C)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn