Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1S94J0000F Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GP1S94J0000F
Description  Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1S94J0000F Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GP1S94J0000F Datasheet HTML 1Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 2Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 3Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 4Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 5Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 6Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 7Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 8Page - Sharp Electrionic Components GP1S94J0000F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP1S94J0000F
1
Sheet No.: D3-A00501EN
Date Oct. 3. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1S94J0000F
Gap : 3.5mm Slit : 0.3mm
Phototransistor Output,
Compact Transmissive
Photointerrupter
■ Description
GP1S94J0000F is a compact-package, photo-
transistor output, transmissive photointerrupter, with
opposing emitter and detector in a molding that provides
non-contact sensing. The compact package series is
a result of unique technology combing transfer and
injection molding.
This device has a wide gap and positioning pins.
■ Features
1. Transmissive with phototransistor output
2. Highlights:
• Compact Size
• 2 Positioning Pins of unequal size to prevent
misalignment
3. Key Parameters:
• Gap Width : 3.5mm
• Slit Width (detector side): 0.3mm
• Package : 6×3.4×5.2mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of object presence or
motion.
2. Example : printer, lens control for camera


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn