Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7191B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7191B
Description  Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7191B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7191B Datasheet HTML 7Page - NXP Semiconductors SAA7191B Datasheet HTML 8Page - NXP Semiconductors SAA7191B Datasheet HTML 9Page - NXP Semiconductors SAA7191B Datasheet HTML 10Page - NXP Semiconductors SAA7191B Datasheet HTML 11Page - NXP Semiconductors SAA7191B Datasheet HTML 12Page - NXP Semiconductors SAA7191B Datasheet HTML 13Page - NXP Semiconductors SAA7191B Datasheet HTML 14Page - NXP Semiconductors SAA7191B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
August 1996
11
Philips Semiconductors
Product specification
Digital Multistandard Colour Decoder,
Square Pixel (DMSD-SQP)
SAA7191B
7.2
Luminance processor
The luminance input signal, a digital CVBS format or an
8-bit luminance format (S-VHS, Hi8), is fed through a
sample rate converter to reduce the data rate to
14.75 MHz for PAL and SECAM (12.2727 MHz for NTSC),
Fig.4.
Sample rate is converted by means of a switchable
pre-filter. High frequency components are emphasized to
compensate for loss in the following chrominance trap
filter. This chrominance trap filter (fo = 4.43 MHz or
fo = 3.58 MHz centre frequency selectable) eliminates
most of the colour carrier signal, therefore, it must be
by-passed for S-Video (S-VHS and Hi8) signals.
The high frequency components of the luminance signal
can be “peaked” (control for sharpness improvement via
the I2C-bus) in two bandpass filters with selectable transfer
characteristic.
A coring circuit with selectable characteristic improves the
signal once more, this signal is then added to the original
(“unpeaked”) signal. A switchable amplifier achieves a
common DC amplification, because the DC gains are
different in both chrominance trap modes. The improved
luminance signal is fed to the variable delay
compensation.
7.3
Processing delay
The delay from input to output is 220 LLC cycles if YDEL
is set to 0. The processing delay will be influenced in future
enhancements.
7.4
Synchronization
The luminance output signal is fed to the synchronization
stage. Its bandwidth is reduced to 1 MHz in a low-pass
filter. The sync pulses are sliced and fed to the phase
detectors to be compared with the sub-divided clock
frequency.
The resulting output signal is applied to the loop filter to
accumulate all phase deviations. Adjustable output signals
(e. g. HCL and HSY) are generated according to peripheral
requirements (TDA8708A, TDA8709A). The output signals
HS, VS and PLIN are locked to the timing reference signal
HREF (Figures 7 and 8). There is no absolute timing
reference guaranteed between the input signal and the
HREF signal as further improvements to the circuit may
change the total processing delay. It is therefore not
recommended to use them for applications, which ask for
absolute timing accuracy to the input signals.
The loop filter signal drives an oscillator to generate the
line frequency control output signal LFCO.
Table 1
Clock frequencies in MHz for 50/60 Hz systems
7.5
Line locked clock frequency
LFCO is required in an external PLL (SAA7197) to
generate the line locked clock frequency.
7.6
YUV-bus, digital outputs
The 16-bit YUV-bus transfers digital data from the output
interfaces to a feature box, or to the digital-to-analog
converter (DAC). Outputs are controlled via the I2C-bus in
normal selections, or they are controlled by output enable
chain (FEIN on pin 64, Fig.5). The YUV-bus data rate
equals LLC2 in Table 1. Timing is achieved by marking
each second positive rising edge of the clock LLC in
conjunction with CREF (clock reference).
YUV-bus formats 4:2:2 and 4:1:1
The output signals Y7 to Y0 are the bits of the digital
luminance signal. The output signals UV7 to UV0 are the
bits of the multiplexed colour-difference signals (B
−Y) and
(R
−Y). The frame in the following tables is the time,
required to transfer a full set of samples. In case of 4 :2:2
format two luminance samples are transmitted in
comparison to one U and one V sample within one frame.
CLOCK
50 Hz
60 Hz
LLC
29.5
24.545454
LLC2
14.75
12.272727
LLC4
7.375
6.136136
LLC8
3.6875
3.068181


Similar Part No. - SAA7191B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7196H PHILIPS-SAA7196H Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7197P PHILIPS-SAA7197P Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7197T PHILIPS-SAA7197T Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
More results

Similar Description - SAA7191B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com