Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSR2010Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR2010Z
Description  20 AMPS 100 VOLTS CHOTTKY RECTIFER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR2010Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR2010Z Datasheet HTML 1Page - Solid States Devices, Inc SSR2010Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
2/ (per leg)
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(300 - 500
µs Pulse)
IF = 10 A
IF = 15 A
IF = 20 A
VF1
VF2
VF3
0.75
0.82
0.85
Volts
Instantaneous Forward Voltage Drop
(TA = -55
°C, 300 - 500
µs Pulse)
IF = 10 A
VF4
0.85
Volts
Reverse Leakage Current
(Rated VR, 300
µs pulse minimum)
TA = 25
°C
TC = 100
°C
IR1
IR2
200
10
µA
mA
Junction Capacitance
(VR = 10 V, f = 1MHz, TA = 25
°C)
CJ
800
pF
CASE OUTLINE: TO-254 (Suffix M)
PIN 1
PIN 3
PIN 2
CASE OUTLINE: TO-254Z (Suffix Z)
PIN 1
PIN 2
PIN 3
OPTIONAL LEAD BEND CONFIGURATION
SUFFIX MD & ZD
SUFFUX MU & ZU
PIN ASSIGNMENT
FUNCTION
PIN 1
PIN 2
PIN 3
Rectifier
4/
Cathode
Anode
Anode
NOTE:
4/ Pins 2 and 3 externally connected for best performance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR2008M, SSR2008Z
SSR2009M, SSR2009Z
SSR2010M, SSR2010Z
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0091H
DOC


Similar Part No. - SSR2010Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010Z SSDI-SSR2010Z Datasheet
97Kb / 2P
   SCHOTTKY RECTIFER
More results

Similar Description - SSR2010Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2010J SSDI-SSR2010J Datasheet
169Kb / 2P
   20 AMPS 100 VOLTS SCHOTTKY RECTIFER
SPD0801SMS SSDI-SPD0801SMS Datasheet
187Kb / 2P
   1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER
SSR1045G SSDI-SSR1045G Datasheet
193Kb / 2P
   10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045-59 SSDI-SSR1045-59 Datasheet
196Kb / 2P
   10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045-5 SSDI-SSR1045-5 Datasheet
195Kb / 2P
   10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR1045J SSDI-SSR1045J Datasheet
198Kb / 2P
   10 AMPS 45 VOLTS SCHOTTKY RECTIFER
SSR2010-61 SSDI-SSR2010-61 Datasheet
200Kb / 2P
   20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010CTJ SSDI-SSR2010CTJ Datasheet
140Kb / 2P
   20 AMPS, 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-28 SSDI-SSR2010CT-28 Datasheet
157Kb / 2P
   20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER
SSR2010CT-3 SSDI-SSR2010CT-3 Datasheet
150Kb / 2P
   20 AMPS 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com