Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7184WP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7184WP
Description  Digital Video Encoders DENC2-M6
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7184WP Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7184WP Datasheet HTML 1Page - NXP Semiconductors SAA7184WP Datasheet HTML 2Page - NXP Semiconductors SAA7184WP Datasheet HTML 3Page - NXP Semiconductors SAA7184WP Datasheet HTML 4Page - NXP Semiconductors SAA7184WP Datasheet HTML 5Page - NXP Semiconductors SAA7184WP Datasheet HTML 6Page - NXP Semiconductors SAA7184WP Datasheet HTML 7Page - NXP Semiconductors SAA7184WP Datasheet HTML 8Page - NXP Semiconductors SAA7184WP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1996 Jul 03
2
Philips Semiconductors
Preliminary specification
Digital Video Encoders (DENC2-M6)
SAA7184; SAA7185B
FEATURES
• CMOS 5 V device
• Digital PAL/NTSC encoder
• System pixel frequency 13.5 MHz
• Accepts MPEG decoded data
• 8-bit wide MPEG port
• Input data format Cb, Y, Cr etc. (CCIR 656)
• 16-bit wide YUV input port
• I2C-bus control port or alternatively MPU parallel control
port
• Encoder can be master or slave
• Programmable horizontal and vertical input
synchronization phase
• Programmable horizontal sync output phase
• OVL overlay with Look-Up Tables (LUTs) 8 × 3 bytes
• Colour bar generator
• Line 21 closed caption encoder
• Cross-colour reduction
• Macrovision revision_6 Pay-per-View copy protection
system as option (SAA7184 only). Remark: This device
is protected by U.S. patent numbers 4631603 4577216
and 4819098 and other intellectual property rights.
Use of the Macrovision anticopy process in the device is
licensed for non-commercial home use only. Reverse
engineering or disassembly is prohibited. Please
contact your nearest Philips Semiconductors sales
office for more information.
• DACs operating at 27 MHz with 10-bit resolution
• Controlled rise and fall times of output syncs and
blanking
• Down-mode of DACs
• CVBS and S-Video output simultaneously
• PLCC68 package.
GENERAL DESCRIPTION
The SAA7184 and SAA7185B digital video encoders 2
(DENC2-M6) encode digital YUV video data to an NTSC
or PAL CVBS or S-Video signal.
The circuit accepts CCIR compatible YUV data with
720 active pixels per line in 4:2:2 multiplexed formats,
for example MPEG decoded data. The device includes a
sync/clock generator and on-chip Digital-to-Analog
Converters (DACs).
The circuit is compatible to the DIG-TV2 chip family.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7184WP
PLCC68
plastic leaded chip carrier; 68 leads
SOT188-2
SAA7185BWP


Similar Part No. - SAA7184WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
   Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182AWP PHILIPS-SAA7182AWP Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182AWP PHILIPS-SAA7182AWP Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7182WP PHILIPS-SAA7182WP Datasheet
268Kb / 40P
   Digital Video Encoder EURO-DENC
1996 Jul 08
More results

Similar Description - SAA7184WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7185 PHILIPS-SAA7185 Datasheet
251Kb / 36P
   Digital Video Encoder DENC2
1996 Jul 08
SAA7187 PHILIPS-SAA7187 Datasheet
267Kb / 36P
   Digital video encoder DENC2-SQ
1995 Sep 21
SAA7182A PHILIPS-SAA7182A Datasheet
315Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7165 PHILIPS-SAA7165 Datasheet
203Kb / 45P
   Digital Video Encoder EURO-DENC2
1996 Oct 02
SAA7188A PHILIPS-SAA7188A Datasheet
168Kb / 36P
   Digital Video Encoder DENC2-M
1996 Jul 08
logo
Fairchild Semiconductor
TMC22091 FAIRCHILD-TMC22091 Datasheet
293Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Cadeka Microcircuits LL...
TMC22091 CADEKA-TMC22091 Datasheet
397Kb / 60P
   Digital Video Encoders/Layering Engine
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
Moxa Inc.
464 MOXA-464 Datasheet
730Kb / 5P
   Superior video performance, 4-channel industrial video encoders
logo
Rohm
BU6520KV ROHM-BU6520KV Datasheet
351Kb / 19P
   Video Encoders built-in Image Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com