Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4761A Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 1N4761A
Description  1.0W ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4761A Datasheet(HTML) 1 Page - Won-Top Electronics

  1N4761A Datasheet HTML 1Page - Won-Top Electronics 1N4761A Datasheet HTML 2Page - Won-Top Electronics 1N4761A Datasheet HTML 3Page - Won-Top Electronics 1N4761A Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4728A – 1N4764A
1 of 4
© 2006 Won-Top Electronics
Pb
1N4728A – 1N4764A
1.0W ZENER DIODE
Features
!
Planar Die Construction
!
1.0 Watt Power Dissipation
!
3.3 – 100V Nomimal Zener Voltage
A
B
A
!
5% Standard Vz Tolerance
!
Low Inductance
!
Typical I
R Less Than 5.0µA Above 11V
!
Plastic Case Material Has UL Flammability
Classification Rating 94V-O
C
                            D
Mechanical Data
!
Case: DO-41 Glass Package
!
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Marking: Type Number
!
Weight: 0.35 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 50°C (Note 1)
Derate above 50°C
Pd
1.0
6.67
W
mW/°C
Peak Forward Surge Current (Note 2)
IFSM
10
A
Forward Voltage @ IF = 200mA
VF
1.2
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Mounted on 5.0mm2 (0.013mm thick) land area.
2. Measured on 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
WTE
POWER SEMICONDUCTORS
DO-41 GLASS
Dim
Min
Max
A
25.40
B
4.10
5.20
C
0.65
0.75
D
2.50
3.20
All Dimensions in mm


Similar Part No. - 1N4761A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4761A VISHAY-1N4761A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Suntan Capacitors
1N4761A SUNTAN-1N4761A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
logo
RFE international
1N4761A RFE-1N4761A Datasheet
63Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
logo
List of Unclassifed Man...
1N4761A ETC-1N4761A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Anova Technologies CO.,...
1N4761A ANOVA-1N4761A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results

Similar Description - 1N4761A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Comchip Technology
1N4728A COMCHIP-1N4728A Datasheet
123Kb / 3P
   1.0W Zener Diode
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com