Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4007 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 1N4007
Description  1.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4007 Datasheet(HTML) 2 Page - Won-Top Electronics

  1N4007 Datasheet HTML 1Page - Won-Top Electronics 1N4007 Datasheet HTML 2Page - Won-Top Electronics 1N4007 Datasheet HTML 3Page - Won-Top Electronics 1N4007 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4001 – 1N4007
2 of 4
© 2006 Won-Top Electronics

40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
j
f = 1MHz
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
40
30
20
0
10
50
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10


Similar Part No. - 1N4007

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N4007 FCI-1N4007 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4007 DIODES-1N4007 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
More results

Similar Description - 1N4007

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
   1.0A STANDARD DIODE
logo
Won-Top Electronics
1A1 WTE-1A1_06 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
   1.0A HIGH VOLTAGE STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
   1.0A Standard Rectifier
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com