Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4A12P-1AH-12R5LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4A12P-1AH-12R5LF
Description  Surge Line Protection Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4A12P-1AH-12R5LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4A12P-1AH-12R5LF Datasheet HTML 1Page - Bourns Electronic Solutions 4A12P-1AH-12R5LF Datasheet HTML 2Page - Bourns Electronic Solutions 4A12P-1AH-12R5LF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
4A12P-1AH-12R5 - Surge Line Protection Module
Asia-Pacific: TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
Europe: TEL +41-41 7685555 • FAX +41-41 7685510
The Americas: TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com
How To Order
4A 12 P - 1AH - 12R5 LF
Model
(4A = Surface Mount)
Number of Pins
Physical Configuration
Electrical Configuration
1AH = Custom
Resistance Code
12R5 = 12.5 Ohms
Lead Free Option
Blank = Standard Product
LF = Lead Free / RoHS Compliant Product
Circuit Protection Division
F3
F4
24
13
22
19
18
15
710
36
R3A
R4A
R1A
NOTES:
R1A + R1B + F1 = 12.5 OHMS ±5 %.
R2A + R2B + F2 = 12.5 OHMS ±5 %.
RATIO MATCH: R1 / R2 = 1 ± 2.5 %.
CO-PLANARITY = 0.004 INCHES.
R3A + R3B = 12.5 OHMS ±5 %.
R4A + R4B = 12.5 OHMS ±5 %.
RATIO MATCH: R3 / R4 = 1 ± 2.5 %.
R2A
R3B
R4B
SUB B
SUB A
R1B
R2B
112
F1
F2
Electrical Schematic


Similar Part No. - 4A12P-1AH-12R5LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4A12P-1AH-12R5LF BOURNS-4A12P-1AH-12R5LF Datasheet
348Kb / 3P
   Surge Line Protection Module
More results

Similar Description - 4A12P-1AH-12R5LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
354Kb / 1P
   Surge Line Protection Module
4A12P-506-500 BOURNS-4A12P-506-500_11 Datasheet
355Kb / 1P
   Surge Line Protection Module
4B06B-DR1-12R5LF BOURNS-4B06B-DR1-12R5LF Datasheet
438Kb / 2P
   Surge Line Protection Module
4B06B-514-RC BOURNS-4B06B-514-RC_11 Datasheet
306Kb / 1P
   Surge Line Protection Module
4B08B-513-RC BOURNS-4B08B-513-RC_11 Datasheet
353Kb / 1P
   Surge Line Protection Module
4A12P-516-500 BOURNS-4A12P-516-500 Datasheet
647Kb / 1P
   Surge Line Protection Module
4B08B-503-RC BOURNS-4B08B-503-RC_11 Datasheet
351Kb / 1P
   Surge Line Protection Module
4A12P-506-500 BOURNS-4A12P-506-500 Datasheet
646Kb / 1P
   Surge Line Protection Module
4A12P-1AH-12R5 BOURNS-4A12P-1AH-12R5_11 Datasheet
348Kb / 3P
   Surge Line Protection Module
4A12P-516-RC BOURNS-4A12P-516-RC Datasheet
362Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com