Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32327 Datasheet(PDF) 2 Page - EPCOS

Part # B32327
Description  AC Film Capacitors Motor Run
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32327 Datasheet(HTML) 2 Page - EPCOS

  B32327 Datasheet HTML 1Page - EPCOS B32327 Datasheet HTML 2Page - EPCOS B32327 Datasheet HTML 3Page - EPCOS B32327 Datasheet HTML 4Page - EPCOS B32327 Datasheet HTML 5Page - EPCOS B32327 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC Film Capacitors
B 32 327
Motor Run
Issue No. 2
07/01
Page 2 of 6
Technical data (cont`d)
Test data
AC test voltage terminal to terminal UTT
2 x UN , 60 s
Insulation voltage terminals to case
2000 Vac
Insulation resistance Ris or time constant τ at 20 °C
Rel. Humidity
≤ 65 °C (minimum value)
3000 s
Dissipation factor tan
δ at 20 °C
≤ 1,0 x 10
-3 (120 Hz)
Maximum rate of voltage rise du/dtmax
10 V/
µs
Climatic data
Climatic category
25/085/21
in accordance with IEC 60068-1
Lower category Tmin
-25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Permitted capacitance
∆C/C
≤ 3 %
Note :
1) It should be noted that presence of harmonics produces over voltage & over current on capacitors. Resonance may
cause serious damage to installation if a siginificant level of total harmonic distortion level exists for voltage or current.
In such cases, series reactors must be considered.
2) Operating temperature class: In accordance with the reference standards, these temperatures are those measured on
the surface on the capacitor
Approved marks
(1) Currently available from Icotron and EIPL.
(2) Homologation in process
EN 60252
250(2), 400(1) and 450(1) Vac.


Similar Part No. - B32327

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32327 EPCOS-B32327 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32327B4106J013 EPCOS-B32327B4106J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32327B4106J017 EPCOS-B32327B4106J017 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32327B4106J019 EPCOS-B32327B4106J019 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32327B4106J033 EPCOS-B32327B4106J033 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
More results

Similar Description - B32327

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
104MABA05KG ILLINOISCAPACITOR-104MABA05KG Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com