Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C052C829M1R5CA Datasheet(PDF) 3 Page - Kemet Corporation

Part # C052C829M1R5CA
Description  CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C052C829M1R5CA Datasheet(HTML) 3 Page - Kemet Corporation

  C052C829M1R5CA Datasheet HTML 1Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 2Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 3Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 4Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 5Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 6Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 7Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 8Page - Kemet Corporation C052C829M1R5CA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
22
K
102
052
C
5
C
A
R
2
C
CERAMIC
*CASE SIZE
(See Table Below)
SPECIFICATION
Standard
C — Standard
CAPACITANCE
In picofarad code: First two digits are significant
figures and third is number of zeroes following
(except 9 indicates division by 10). Examples:
0.1
F = 100,000 pF = 104 and 9.1 pF = 919.
See tables for Standard Values.
FAILURE RATE
INTERNAL CONSTRUCTION
CAPACITANCE TOLERANCE
Standard
M —
±20%
K —
±10%
J —
±5%
A — Not Applicable (Std.)
LEAD MATERIAL
C — Standard
5 — Standard
WORKING
VOLTAGE
1 — 100
2 — 200
5 —
50
Others
H —
±3%
G —
±2%
F —
±1%
D —
±.5 pF
TEMPERATURE CHARACTERISTIC
Cap. Change With Temp.
Measured
Without
KEMET
EIA
Temp.
DC Bias
Designator
Equivalent
Range,
°C
Voltage
G
C0G
-55 to
±30
(Ultra
(NPO)
+125
ppm/
°C
Stable)
R
X7R
-55 to
±15%
(Stable)
+125
Standard tolerances for each Series are
shown in the repetitive parts lists.
*CASE SIZES
RADIAL
AXIAL
C052
C114
C062
C124
C512
C192
C522
C202
C222
**
**Part Number Example: C052C102K2R5CA (14 digits – no spaces)
ORDERING INFORMATION
AXIAL CAPACITOR MARKING
STANDARD C114C, C124C, C192C, C202C & C222C
KC0G
101J
200V
0512
KEMET, Temperature Characteristic
Capacitance, Capacitance Tolerance
Voltage
Date Code
RADIAL CAPACITOR MARKING
C052C & C062C STANDARD MARKING
100V
K
0511
Voltage
KEMET
Date Code
BACK
C062
X7R
104K
FRONT
Style
Temperature Characteristic
Capacitance, Capacitance Tolerance
C512 & C522 STANDARD MARKING
KEMET
C512X7R
105K 50V
0532
KEMET
SIZE and Temperature Characteristic
Capacitance, Capacitance Tolerance, Voltage
Date Code
T — 100% Tin plated
(C052, C062 only)


Similar Part No. - C052C829M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052C-K-G KEMET-C052C-K-G Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C052C-K-G KEMET-C052C-K-G Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052C-K-G KEMET-C052C-K-G Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052C-K-G KEMET-C052C-K-G Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052C-K-G KEMET-C052C-K-G Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C052C829M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com