Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C522C689M1R5CA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C522C689M1R5CA
Description  CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C522C689M1R5CA Datasheet(HTML) 1 Page - Kemet Corporation

  C522C689M1R5CA Datasheet HTML 1Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 2Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 3Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 4Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 5Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 6Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 7Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 8Page - Kemet Corporation C522C689M1R5CA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
20
CERAMIC MOLDED AXIAL & RADIAL
PERFORMANCE CHARACTERISTICS
GENERAL
Working Voltage:
C0G – 50, 100 & 200 Volts
X7R – 50, 100 & 200 Volts
Temperature Characteristics:
C0G – 0 ±30 PPM/°C from -55°C to +125°C
X7R – ±15% from -55°C to +125°C
Capacitance Tolerance:
C0G – ±0.5 pF, ±1%, ±2%, ±5%, ±10%, ±20%
(±0.5 pF is tightest available tolerance)
X7R – ±10%, ±20%, -0 +100%, -20% +80%
Construction:
Monolithic block of ceramic dielectric with interdigitated
internal electrodes, encapsulated in a molded case, and
having axial or radial leads. Meets flame test requirements
of UL Standard 94V-0.
Terminal Strength:
EIA-198 Method 303 Condition A (2.2 kg)
ELECTRICAL
Capacitance:
Within specified tolerance when measured with 1 volt rms
at 1 kHz (1000 pF or less at 1 MHz for C0G).
Dissipation Factor:
25°C at 1 kHz (1000 pF or less at 1 MHz for C0G).
C0G – .15% maximum
X7R – 2.5% maximum
Insulation Resistance:
After 2 minutes electrification at 25°C and rated voltage
C0G – 100K megohms or 1000 megohm - µF, whichever
is less.
X7R – 100K megohms or 1000 megohm - µF, whichever
is less.
Dielectric Withstanding Voltage:
250% of rated voltage for 5 seconds with current limited
to 50 mA at 25°C.
Life Test:
2000 hours at 200% of rated voltage at 125°C. Post-Test
limits at 25°C are:
Capacitance Change:
C0G – less than 3% or 0.25 pF, whichever is higher
X7R – ±20% of initial value
Dissipation Factor:
C0G – .25% maximum
X7R – 3.0% maximum
Insulation Resistance:
C0G – 10K megohms or 100 megohm - µF, whichever
is less
X7R – 10K megohms or 100 megohm - µF, whichever
is less
Dielectric Withstanding Voltage:
250% of rated voltage for 5 seconds with current
limited to 50 mA.
ENVIRONMENTAL
Moisture Resistance:
MIL-STD-202, Method 106, or EIA-198, Method 204,
Condition A, except 20 cycles.
Insulation Resistance:
C0G – 10K megohms or 100 megohm - µF, whichever
is less
X7R – 10K megohms or 100 megohm - µF, whichever
is less
Dielectric Withstanding Voltage:
250% of rated voltage for 5 seconds with current
limited to 50 mA.
Immersion Cycling:
MIL-STD-202, Method 104, Condition B. Post-Test limits
at 25°C are:
Insulation Resistance:
C0G – 10K megohms or 100 megohm - µF, whichever
is less
X7R – 10K megohms or 100 megohm - µF, whichever
is less
Solderability:
MIL-STD-202, Method 208, Sn62 solder, 245°C for 5 ±1/2
seconds.
Resistance to Soldering Heat:
MIL-STD-202, Method 210, Condition B (260°C, 10 secs).
Depth of immersion — to a minimum of .050" from the
capacitor body.
Lead Material:
Axial: Solder-coated copper clad steel
Radial: Solder-coated copper standard; 100% tin plated optional


Similar Part No. - C522C689M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C522C102D1G5CA KEMET-C522C102D1G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C522C102D1R5CA KEMET-C522C102D1R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C522C102D2G5CA KEMET-C522C102D2G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C522C102D2R5CA KEMET-C522C102D2R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C522C102D5G5CA KEMET-C522C102D5G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C522C689M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com