Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7146A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAA7146A
Description  Multimedia bridge, high performance Scaler and PCI circuit SPCI
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7146A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAA7146A Datasheet HTML 8Page - NXP Semiconductors SAA7146A Datasheet HTML 9Page - NXP Semiconductors SAA7146A Datasheet HTML 10Page - NXP Semiconductors SAA7146A Datasheet HTML 11Page - NXP Semiconductors SAA7146A Datasheet HTML 12Page - NXP Semiconductors SAA7146A Datasheet HTML 13Page - NXP Semiconductors SAA7146A Datasheet HTML 14Page - NXP Semiconductors SAA7146A Datasheet HTML 15Page - NXP Semiconductors SAA7146A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
1998 Apr 09
12
Philips Semiconductors
Product specification
Multimedia bridge, high performance
Scaler and PCI circuit (SPCI)
SAA7146A
VSSD5
39
P
digital ground 5
AD PCI31
40
I/O
bidirectional PCI multiplexed address/data bit 31
AD PCI30
41
I/O
bidirectional PCI multiplexed address/data bit 30
AD PCI29
42
I/O
bidirectional PCI multiplexed address/data bit 29
AD PCI28
43
I/O
bidirectional PCI multiplexed address/data bit 28
VDDD6
44
P
digital supply voltage 6 (3.3 V)
n.c.
45
reserved pin; not connected internally
VSSD6
46
P
digital ground 6
AD PCI27
47
I/O
bidirectional PCI multiplexed address/data bit 27
AD PCI26
48
I/O
bidirectional PCI multiplexed address/data bit 26
AD PCI25
49
I/O
bidirectional PCI multiplexed address/data bit 25
AD PCI24
50
I/O
bidirectional PCI multiplexed address/data bit 24
VDDD7
51
P
digital supply voltage 7 (3.3 V)
n.c.
52
reserved pin; do not connect
n.c.
53
reserved pin; not connected internally
VSSD7
54
P
digital ground 7
C/BE# [3]
55
I/O
bidirectional PCI multiplexed bus command and byte enable 3 (active LOW)
IDSEL
56
I
PCI initialization device select input signal
AD PCI23
57
I/O
bidirectional PCI multiplexed address/data bit 23
AD PCI22
58
I/O
bidirectional PCI multiplexed address/data bit 22
AD PCI21
59
I/O
bidirectional PCI multiplexed address/data bit 21
AD PCI20
60
I/O
bidirectional PCI multiplexed address/data bit 20
n.c.
61
reserved pin; do not connect
n.c.
62
reserved pin; not connected internally
VSSD8
63
P
digital ground 8
AD PCI19
64
I/O
bidirectional PCI multiplexed address/data bit 19
AD PCI18
65
I/O
bidirectional PCI multiplexed address/data bit 18
AD PCI17
66
I/O
bidirectional PCI multiplexed address/data bit 17
AD PCI16
67
I/O
bidirectional PCI multiplexed address/data bit 16
VDDD8
68
P
digital supply voltage 8 (3.3 V)
n.c.
69
reserved pin; do not connect
VSSD9
70
P
digital ground 9
C/BE# [2]
71
I/O
bidirectional PCI multiplexed bus command and byte enable 2 (active LOW)
FRAME#
72
I/O
bidirectional PCI cycle frame signal (active LOW)
IRDY#
73
I/O
bidirectional PCI initiator ready signal (active LOW)
TRDY#
74
I/O
bidirectional PCI target ready signal (active LOW)
VDDD9
75
P
digital supply voltage 9 (3.3 V)
n.c.
76
reserved pin; do not connect
VSSD10
77
P
digital ground 10
DEVSEL#
78
I/O
bidirectional PCI device select signal (active LOW)
SYMBOL
PIN
STATUS
DESCRIPTION


Similar Part No. - SAA7146A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results

Similar Description - SAA7146A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
logo
SMSC Corporation
LAN9132 SMSC-LAN9132 Datasheet
391Kb / 2P
   High-Performance Network Multimedia Processing Engine, supporting a PCI based interface and featuring RipStream Technology
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Zoran Corporation
ZR36057 ZORAN-ZR36057 Datasheet
619Kb / 48P
   ENHANCED PCI BUS MULTIMEDIA CONTROLLER
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com