Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7146A Datasheet(PDF) 60 Page - NXP Semiconductors

Part # SAA7146A
Description  Multimedia bridge, high performance Scaler and PCI circuit SPCI
Download  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7146A Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button SAA7146A Datasheet HTML 56Page - NXP Semiconductors SAA7146A Datasheet HTML 57Page - NXP Semiconductors SAA7146A Datasheet HTML 58Page - NXP Semiconductors SAA7146A Datasheet HTML 59Page - NXP Semiconductors SAA7146A Datasheet HTML 60Page - NXP Semiconductors SAA7146A Datasheet HTML 61Page - NXP Semiconductors SAA7146A Datasheet HTML 62Page - NXP Semiconductors SAA7146A Datasheet HTML 63Page - NXP Semiconductors SAA7146A Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
1998 Apr 09
60
Philips Semiconductors
Product specification
Multimedia bridge, high performance
Scaler and PCI circuit (SPCI)
SAA7146A
Table 52 Protection bits
BIT
NUMBER
FUNCTION
FIXED 1
F
V
H
P3
P2
P1
P0
711111111
600001101
500110011
401010101
301100110
201011010
100111100
001101001
7.8.5
SYNCHRONIZATION SIGNALS
Horizontal, vertical and frame synchronization signals are
either carried beside the data stream on the extra sync
pins of DD1 (one pair of sync pins per D1 channel) or are
encoded as SAV and EAV in the 8-bit wide video signal
stream. For the 16-bit wide YUV stream sync signals are
always available on separate pins. For D1 video inputs the
SAA7146A is programmed to determine where to recover
the synchronization information (from the dedicated sync
pins or from the encoded SAV and EAV codes in the data
stream).
For D1 video outputs, the SAA7146A can be programmed
to deliver synchronization information both in SAV and
EAV codes as well as on the dedicated sync pins.
Non-standard rastered video signals are supported by
sync signals at the dedicated sync pins as well as via SAV
and EAV codes. The number of clock cycles, pixels per
line and lines per field can be non-standard. These number
can range from 1 up to 4095.
The signal at the HS pin can perform the following
functions:
• HS: input only, the rising edge is selected to act as
timing reference
• HREF: input only, gated with CREF, the rising edge is
selected as timing reference
• HGT: I/O, HIGH during active video
• ACT input only: HIGH during active video, inactive
during horizontal and vertical blanking
• HGT and ACT: envelope all active pixels (there is no
active pixel outside HGT or ACT), but may also include
clock cycles marked as not valid pixels by means of
PXQ.
The vertical sync signal can perform the following
functions:
• VS: input only positive or negative, one edge is selected
as timing reference:
– If selected edge of VS and selected edge of HS are
in phase, then begin 1st (odd) field
– If selected edges of VS and HS are out of phase, then
begin 2nd (even) field.
• V-DMSD: input only, falling (trailing) edge is timing
reference:
– If falling edge of V-DMSD is in high phase of HREF,
then begin 1st (odd) field
– If falling edge of V-DMSD is in low phase of HREF,
then begin 2nd (even) field.
• VGT: I/O, HIGH during active video, (no holes for
horizontal blanking)
• FS: input only, positive or negative, frame sync,
(odd/even), (313/312, 263/262 lines) HIGH in one field,
LOW in the other, changes on full line boundaries only.
7.8.6
FIELD DETECTION
The fields are detected simultaneously at both D1 sync
inputs. The results are available in two status registers.


Similar Part No. - SAA7146A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
More results

Similar Description - SAA7146A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH-V4.557 PHILIPS-SAA7146AH-V4.557 Datasheet
588Kb / 139P
   Multimedia bridge, high performance Scaler and PCI circuit
2004 Aug 25
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
logo
SMSC Corporation
LAN9132 SMSC-LAN9132 Datasheet
391Kb / 2P
   High-Performance Network Multimedia Processing Engine, supporting a PCI based interface and featuring RipStream Technology
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Zoran Corporation
ZR36057 ZORAN-ZR36057 Datasheet
619Kb / 48P
   ENHANCED PCI BUS MULTIMEDIA CONTROLLER
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com