Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5497H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA5497H
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5497H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA5497H Datasheet HTML 4Page - NXP Semiconductors SAA5497H Datasheet HTML 5Page - NXP Semiconductors SAA5497H Datasheet HTML 6Page - NXP Semiconductors SAA5497H Datasheet HTML 7Page - NXP Semiconductors SAA5497H Datasheet HTML 8Page - NXP Semiconductors SAA5497H Datasheet HTML 9Page - NXP Semiconductors SAA5497H Datasheet HTML 10Page - NXP Semiconductors SAA5497H Datasheet HTML 11Page - NXP Semiconductors SAA5497H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
February 1995
8
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
LIMITING VALUES
In accordance with Absolute Maximum Rating System (IEC 134).
Notes
1. This maximum value has an absolute maximum of 6.5 V independent of VDD.
2. Except in standby mode.
CHARACTERISTICS
VDD =5V ± 10%; VSS =0V; Tamb = −20 to +70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage (all supplies)
−0.3
+6.5
V
VI
input voltage (any input)
note 1
−0.3
VDD + 0.5 V
VO
output voltage (any output)
note 1
−0.3
VDD + 0.5 V
IO
output current (each output)
−±10
mA
IIOK
DC input or output diode current
−±20
mA
∆VSS
difference between VSSD, VSSA and OSCGND
−±0.1
V
∆VDD
difference between VDDM, VDDT and VDDA
note 2
−±0.1
V
Tamb
operating ambient temperature
−20
+70
°C
Tstg
storage temperature
−55
+125
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage (VDD to VSS)
4.5
5.0
5.5
V
IDDM
microcontroller supply current
25
40
mA
IDDA
analog supply current
35
50
mA
IDDT
teletext supply current
20
30
mA
Digital inputs
RESET
VIL
LOW level input voltage
−0.3
0.2VDD − 0.1 V
VIH
HIGH level input voltage
0.7VDD
VDD + 0.3
V
ILI
input leakage current
VI = 0 to VDD
−10
+10
µA
CI
input capacitance
−−
4pF
HSYNC AND VSYNC
Vthf
switching threshold falling
0.2VDD
−−
V
Vthr
switching threshold rising
−−
0.8VDD
V
VHYS
hysteresis voltage
0.33VDD
V
CI
input capacitance
−−
4pF


Similar Part No. - SAA5497H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5497H PHILIPS-SAA5497H Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
More results

Similar Description - SAA5497H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com