Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25671A5042A020 Datasheet(PDF) 2 Page - EPCOS

Part # B25671A5042A020
Description  PoleCap capacitors for Power Factor Correction
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25671A5042A020 Datasheet(HTML) 2 Page - EPCOS

  B25671A5042A020 Datasheet HTML 1Page - EPCOS B25671A5042A020 Datasheet HTML 2Page - EPCOS B25671A5042A020 Datasheet HTML 3Page - EPCOS B25671A5042A020 Datasheet HTML 4Page - EPCOS B25671A5042A020 Datasheet HTML 5Page - EPCOS B25671A5042A020 Datasheet HTML 6Page - EPCOS B25671A5042A020 Datasheet HTML 7Page - EPCOS B25671A5042A020 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PoleCap capacitors for Power Factor Correction
B25671A5042A020
MKP series
MKP525-D-4.0-P
Construction
Dielectric: Polypropylene film
Gas-impregnated / dry type
Winding hard core
Extruded round aluminium can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Outdoor mounting
Ambient
Highest insulation strength for outdoor
applications (to IEC 60831, 15 kV)
Terminal cover, cable gland and connection
cable made of material resistant to weather,
UV radiation and aging.
Cable UV-resistant and flame retardant
Housing of pure aluminium (corrosion-free operation)
Double housing of terminals for protection against
hazardous parts, ingress of solid foreign bodies,
dust and harmful effects of water
Technical data and specifications
Characteristics
Rated capacitance CR
3 x 16.0 µF
Tolerance
-5 / +10%
Connection
D (Delta)
Rated voltage VR
525 VAC
Rated frequency fR
50 Hz
60 Hz
Output
4.0 kVAr
4.8 kVAr
Rated current IR
4.4 A
5.28 A
tanδ (dielectric)
0.2 W / kvar
FK PFC R&D
September 2005
Please read the important notes on page 8
Page 2 of 8
and the cautions and warnings.


Similar Part No. - B25671A5042A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5042A020 EPCOS-B25671A5042A020 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A5042A020 TDK-B25671A5042A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
logo
EPCOS
B25671A5042A020 EPCOS-B25671A5042A020_09 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
More results

Similar Description - B25671A5042A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A4237A365 EPCOS-B25671A4237A365 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4826A375 EPCOS-B25671A4826A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5287A375 EPCOS-B25671A5287A375 Datasheet
325Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5127A375 EPCOS-B25671A5127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5197A375 EPCOS-B25671A5197A375_09 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A4207A375 EPCOS-B25671A4207A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5197A375 EPCOS-B25671A5197A375 Datasheet
325Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4127A375 EPCOS-B25671A4127A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4247A375 EPCOS-B25671A4247A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4417A375 EPCOS-B25671A4417A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com