Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7127 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7127
Description  Digital video encoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7127 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7127 Datasheet HTML 1Page - NXP Semiconductors SAA7127 Datasheet HTML 2Page - NXP Semiconductors SAA7127 Datasheet HTML 3Page - NXP Semiconductors SAA7127 Datasheet HTML 4Page - NXP Semiconductors SAA7127 Datasheet HTML 5Page - NXP Semiconductors SAA7127 Datasheet HTML 6Page - NXP Semiconductors SAA7127 Datasheet HTML 7Page - NXP Semiconductors SAA7127 Datasheet HTML 8Page - NXP Semiconductors SAA7127 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1999 May 31
2
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
FEATURES
• Monolithic CMOS 3.3 V device, 5 V I2C-bus optionally
• Digital PAL/NTSC encoder
• System pixel frequency 13.5 MHz
• 54 MHz double-speed multiplexed D1 interface capable
of splitting data into two separate channels (encoded
and baseband)
• Four Digital-to-Analog Converters (DACs) for CVBS
(CSYNC, VBS), RED (Cr, C), GREEN (Y, VBS) and
BLUE (Cb, CVBS) two times oversampled (signals in
parenthesis are optionally). RED (Cr), GREEN (Y) and
BLUE (Cb) signal outputs with 9-bit resolution, whereas
all other signal outputs have 10-bit resolution; CSYNC is
an advanced composite sync on the CVBS output for
RGB display centring.
• Real-time control of subcarrier
• Cross-colour reduction filter
• Closed captioning encoding and World Standard
Teletext (WST) and North-American Broadcast Text
System (NABTS) teletext encoding including sequencer
and filter
• Copy Generation Management System (CGMS)
encoding (CGMS described by standard CPR-1204 of
EIAJ); 20 bits in lines 20/283 (NTSC) can be loaded via
the I2C-bus
• Fast I2C-bus control port (400 kHz)
• Line 23 Wide Screen Signalling (WSS) encoding
• Video Programming System (VPS) data encoding in
line 16 (CCIR line count)
• Encoder can be master or slave
• Programmable horizontal and vertical input
synchronization phase
• Programmable horizontal sync output phase
• Internal Colour Bar Generator (CBG)
• Macrovision Pay-per-View copy protection system
rev. 7.01 and rev. 6.1 as option; ‘handsfree’ Macrovision
pulse support through on-chip timer for pulse amplitude
modulation; this applies to SAA7126H only. The device
is protected by USA patent numbers 4631603, 4577216
and 4819098 and other intellectual property rights.
Use of the Macrovision anti-copy process in the device
is licensed for non-commercial home use only. Reverse
engineering or disassembly is prohibited. Please
contact your nearest Philips Semiconductors sales
office for more information.
• Controlled rise/fall times of output syncs and blanking
• On-chip crystal oscillator (3rd-harmonic or fundamental
crystal)
• Down mode (low output voltage) or power-save mode of
DACs
• QFP44 package.
GENERAL DESCRIPTION
The SAA7126H; SAA7127H encodes digital Cb-Y-Cr
video data to an NTSC or PAL CVBS or S-video signal.
Simultaneously, RGB or bypassed but interpolated
Cb-Y-Cr signals are available via three additional
Digital-to-Analog Converters (DACs). The circuit at a
54 MHz multiplexed digital D1 input port accepts two CCIR
compatible Cb-Y-Cr data streams with 720 active pixels
per line in 4 :2:2 multiplexed formats, for example MPEG
decoded data with overlay and MPEG decoded data
without overlay, whereas one data stream is latched at the
rising, the other one at the falling clock edge.
It includes a sync/clock generator and on-chip DACs.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7126H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
SAA7127H


Similar Part No. - SAA7127

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7120 PHILIPS-SAA7120 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
SAA7120H-01 PHILIPS-SAA7120H-01 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7121 PHILIPS-SAA7121 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7121H PHILIPS-SAA7121H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
More results

Similar Description - SAA7127

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com