Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7128H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7128H
Description  Digital video encoder
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7128H Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7128H Datasheet HTML 1Page - NXP Semiconductors SAA7128H Datasheet HTML 2Page - NXP Semiconductors SAA7128H Datasheet HTML 3Page - NXP Semiconductors SAA7128H Datasheet HTML 4Page - NXP Semiconductors SAA7128H Datasheet HTML 5Page - NXP Semiconductors SAA7128H Datasheet HTML 6Page - NXP Semiconductors SAA7128H Datasheet HTML 7Page - NXP Semiconductors SAA7128H Datasheet HTML 8Page - NXP Semiconductors SAA7128H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
2000 Mar 08
3
Philips Semiconductors
Product specification
Digital video encoder
SAA7128H; SAA7129H
1
FEATURES
• Monolithic CMOS 3.3 V device, 5 V I2C-bus optional
• Digital PAL/NTSC/SECAM encoder
• System pixel frequency 13.5 MHz
• 54 MHz double-speed multiplexed D1 interface capable
of splitting data into two separate channels (encoded
and baseband)
• Three Digital-to-Analog Converters (DACs) for CVBS
(CSYNC), VBS (CVBS) and C (CVBS) two times
oversampled with 10-bit resolution (signals in brackets
optional)
• Three DACs for RED (CR), GREEN (Y) and BLUE (CB)
two times oversampled with 9-bit resolution (signals in
brackets optional)
• Alternatively, an advanced composite sync is available
on the CVBS output for RGB display centring
• Real-time control of subcarrier
• Cross-colour reduction filter
• Closed captioning encoding and World Standard
Teletext (WST) and North-American Broadcast Text
System (NABTS) teletext encoding including sequencer
and filter
• Copy Generation Management System (CGMS)
encoding (CGMS described by standard CPR-1204 of
EIAJ); 20 bits in lines 20/283 (NTSC) can be loaded via
I2C-bus
• Fast I2C-bus control port (400 kHz)
• Line 23 Wide Screen Signalling (WSS) encoding
• Video Programming System (VPS) data encoding in
line 16 (50/625 lines counting)
• Encoder can be master or slave
• Programmable horizontal and vertical input
synchronization phase
• Programmable horizontal sync output phase
• Internal Colour Bar Generator (CBG)
• Macrovision Pay-per-View copy protection system
rev. 7.01 and rev. 6.1 as option; this applies to
SAA7128H only. The device is protected by USA patent
numbers 4631603, 4577216 and 4819098 and other
intellectual property rights. Use of the macrovision
anti-copy process in the device is licensed for
non-commercial home use only. Reverse engineering or
disassembly is prohibited. Please contact your nearest
Philips Semiconductors sales office for more information
• Controlled rise/fall times of output syncs and blanking
• On-chip crystal oscillator (3rd-harmonic or fundamental
crystal)
• Down mode (low output voltage) or power-save mode of
DACs
• QFP44 package.
2
GENERAL DESCRIPTION
The SAA7128H; SAA7129H encodes digital CB-Y-CR
video data to an NTSC, PAL or SECAM CVBS or S-video
signal. Simultaneously, RGB or bypassed but interpolated
CB-Y-CR signals are available via three additional DACs.
The circuit at a 54 MHz multiplexed digital D1 input port
accepts two ITU-R BT.656 compatible CB-Y-CR data
streams with 720 active pixels per line in
4:2:2 multiplexed formats, for example MPEG decoded
data with overlay and MPEG decoded data without
overlay, whereas one data stream is latched at the rising,
the other one at the falling clock edge.
It includes a sync/clock generator and on-chip DACs.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7128H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm); body
10
× 10 × 1.75 mm
SOT307-2
SAA7129H


Similar Part No. - SAA7128H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH PHILIPS-SAA7128AH Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
More results

Similar Description - SAA7128H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com