Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7128H Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA7128H
Description  Digital video encoder
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7128H Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA7128H Datasheet HTML 14Page - NXP Semiconductors SAA7128H Datasheet HTML 15Page - NXP Semiconductors SAA7128H Datasheet HTML 16Page - NXP Semiconductors SAA7128H Datasheet HTML 17Page - NXP Semiconductors SAA7128H Datasheet HTML 18Page - NXP Semiconductors SAA7128H Datasheet HTML 19Page - NXP Semiconductors SAA7128H Datasheet HTML 20Page - NXP Semiconductors SAA7128H Datasheet HTML 21Page - NXP Semiconductors SAA7128H Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
2000 Mar 08
18
Philips Semiconductors
Product specification
Digital video encoder
SAA7128H; SAA7129H
Table 8
Subaddress 28H
Table 9
Subaddress 29H
Table 10 Subaddress 2AH
Table 11 Subaddress 2BH
BIT
SYMBOL
DESCRIPTION
7
DECCOL
0 = disable colour detection bit of RTCI input
1 = enable colour detection bit of RTCI input; bit RTCE must be set to logic 1 (see
Fig.22)
6
DECFIS
0 = field sequence as FISE in subaddress 61
1 = field sequence as FISE bit in RTCI input; bit RTCE must be set to logic 1 (see
Fig.22)
5
BS5
starting point of burst in clock cycles
4
BS4
PAL: BS[5:0] = 33 (21H); default value after reset
NTSC: BS[5:0] = 25 (19H)
3
BS3
2
BS2
1
BS1
0
BS0
BIT
SYMBOL
DESCRIPTION
7
These 2 bits are reserved; each must be set to logic 0.
6
5
BE5
ending point of burst in clock cycles
PAL: BE[5:0] = 29 (1DH); default value after reset
NTSC: BE[5:0] = 29 (1DH)
4
BE4
3
BE3
2
BE2
1
BE1
0
BE0
BIT
SYMBOL
DESCRIPTION
7 to 0
CG[07:00]
LSB of the byte is encoded immediately after run-in, the MSB of the byte has to carry
the CRCC bit, in accordance with the definition of copy generation management system
encoding format.
BIT
SYMBOL
DESCRIPTION
7 to 0
CG[15:08]
Second byte; the MSB of the byte has to carry the CRCC bit, in accordance with the
definition of copy generation management system encoding format.


Similar Part No. - SAA7128H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH PHILIPS-SAA7128AH Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
More results

Similar Description - SAA7128H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com