Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAA7126H Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. SAA7126H
Description  Digital video encoder
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SAA7126H Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1999 May 31
3
Philips Semiconductors
Product specification
Digital video encoder
SAA7126H; SAA7127H
QUICK REFERENCE DATA
BLOCK DIAGRAM
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
3.15
3.3
3.45
V
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDDA
analog supply current
77
100
mA
IDDD
digital supply current
37
46
mA
Vi
input signal voltage levels
TTL compatible
Vo(p-p)
analog output signal voltages Y, C and CVBS
without load (peak-to-peak value)
1.30
1.45
1.55
V
RL
load resistance
75
300
LElf(i)
low frequency integral linearity error
−−±3
LSB
LElf(d)
low frequency differential linearity error
−−±1
LSB
Tamb
ambient temperature
0
70
°C
Fig.1 Block diagram.
handbook, full pagewidth
I2C-BUS
INTERFACE
DATA
MANAGER
ENCODER
SYNC/CLOCK
OUTPUT
INTERFACE
D
A
40
42
41
7
843
37
34
35
4
MP7
to
MP0
TTX
VDD(I2C)
19
30
23
26
RESET SDA SCL
RCV1
RCV2
TTXRQ
XCLK
XTAL
XTALI
LLC1
CVBS
RED
GREEN
29
BLUE
I2C-bus
control
I2C-bus
control
I2C-bus
control
I2C-bus
control
I2C-bus
control
5
VSSD1
18
VSSD2
38
VSSD3
6
VDDD1
17
VDDD2
39
VDDD3
22
VSSA1
32
VSSA2
33
VSSA3
25
VDDA1
28
VDDA2
31
VDDA3
36
VDDA4
RTCI
23
SP
AP
clock
and timing
Y
Y
C
RGB
PROCESSOR
I2C-bus
control
Y
CbCr
CbCr
44
20
SA
21
RES
1
n.c.
24, 27
9 to 16
MP1
MP2
MHB498
SAA7126H
SAA7127H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn