Electronic Components Datasheet Search |
|
T409D105J020AB4250 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T409D105J020AB4250 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com Capaci- tance μF Case Size KEMET Part Number Mil-C-55365/11A Part Number DC Leakage μμA @ 25ºC Max DF % @ +25ºC 120 Hz Max ESR Ω Ω @ +25°C 100 kHz Max 15 Volt Rating at +85°C (10 Volt Rating at +125°C) 1.0 A T419A105(1)015(2)(3)(4) CWR19H(3)105(1)(2)A(5) 1.0 6.0 15.0 1.5 A T419A155(1)015(2)(3)(4) CWR19H(3)155(1)(2)A(5) 1.0 6.0 15.0 2.2 A T419A225(1)015(2)(3)(4) CWR19H(3)225(1)(2)A(5) 1.0 6.0 15.0 3.3 B T419B335(1)015(2)(3)(4) CWR19H(3)335(1)(2)B(5) 1.0 6.0 9.0 4.7 B T419B475(1)015(2)(3)(4) CWR19H(3)475(1)(2)B(5) 1.0 6.0 5.0 4.7 C T419C475(1)015(2)(3)(4) CWR19H(3)475(1)(2)C(5) 1.0 6.0 5.5 4.7 D T419D475(1)015(2)(3)(4) CWR19H(3)475(1)(2)D(5) 1.0 6.0 6.0 6.8 D T419D685(1)015(2)(3)(4) CWR19H(3)685(1)(2)D(5) 1.0 6.0 6.0 6.8 E T419E685(1)015(2)(3)(4) CWR19H(3)685(1)(2)E(5) 1.0 8.0 3.0 10.0 D T419D106(1)015(2)(3)(4) CWR19H(3)106(1)(2)D(5) 2.0 6.0 6.0 10.0 E T419E106(1)015(2)(3)(4) CWR19H(3)106(1)(2)E(5) 2.0 6.0 4.0 15.0 E T419E156(1)015(2)(3)(4) CWR19H(3)156(1)(2)E(5) 2.0 6.0 4.0 15.0 F T419F156(1)015(2)(3)(4) CWR19H(3)156(1)(2)F(5) 2.0 8.0 3.0 22.0 F T419F226(1)015(2)(3)(4) CWR19H(3)226(1)(2)F(5) 3.0 8.0 3.0 33.0 F T419F336(1)015(2)(3)(4) CWR19H(3)336(1)(2)F(5) 5.0 6.0 3.0 33.0 G T419G336(1)015(2)(3)(4) CWR19H(3)336(1)(2)G(5) 6.0 8.0 1.1 47.0 G T419G476(1)015(2)(3)(4) CWR19H(3)476(1)(2)G(5) 10.0 8.0 1.1 47.0 H T419H476(1)015(2)(3)(4) CWR19H(3)476(1)(2)H(5) 10.0 8.0 0.9 68.0 G T419G686(1)015(2)(3)(4) CWR19H(3)686(1)(2)G(5) 10.0 8.0 1.1 68.0 H T419H686(1)015(2)(3)(4) CWR19H(3)686(1)(2)H(5) 10.0 8.0 0.9 100.0 H T419H107(1)015(2)(3)(4) CWR19H(3)107(1)(2)H(5) 15.0 10.0 0.9 20 Volt Rating at +85°C (13 Volt Rating at +125°C) 0.68 A T419A684(1)020(2)(3)(4) CWR19J(3)684(1)(2)A(5) 1.0 6.0 15.0 1.0 A T419A105(1)020(2)(3)(4) CWR19J(3)105(1)(2)A(5) 1.0 6.0 15.0 1.5 B T419B155(1)020(2)(3)(4) CWR19J(3)155(1)(2)B(5) 1.0 6.0 9.0 2.2 B T419B225(1)020(2)(3)(4) CWR19J(3)225(1)(2)B(5) 1.0 6.0 9.0 3.3 D T419D335(1)020(2)(3)(4) CWR19J(3)335(1)(2)D(5) 1.0 6.0 6.0 4.7 E T419E475(1)020(2)(3)(4) CWR19J(3)475(1)(2)E(5) 1.0 6.0 6.0 6.8 E T419E685(1)020(2)(3)(4) CWR19J(3)685(1)(2)E(5) 2.0 6.0 5.0 10.0 E T419E106(1)020(2)(3)(4) CWR19J(3)106(1)(2)E(5) 2.0 6.0 5.0 10.0 F T419F106(1)020(2)(3)(4) CWR19J(3)106(1)(2)F(5) 20 6.0 3.0 15.0 F T419F156(1)020(2)(3)(4) CWR19J(3)156(1)(2)F(5) 3.0 6.0 3.0 22.0 G T419G226(1)020(2)(3)(4) CWR19J(3)226(1)(2)G(5) 4.0 6.0 2.5 33.0 H T419H336(1)020(2)(3)(4) CWR19J(3)336(1)(2)H(5) 6.0 8.0 0.9 47.0 H T419H476(1)020(2)(3)(4) CWR19J(3)476(1)(2)H(5) 10.0 8.0 0.9 47.0 X T419X476(1)020(2)(3)(4) CWR19J(3)476(1)(2)X(5) 10.0 8.0 0.9 25 Volt Rating at +85°C (17 Volt Rating at +125°C) 0.47 A T419A474(1)025(2)(3)(4) CWR19K(3)474(1)(2)A(5) 1.0 6.0 15.0 1.0 B T419B105(1)025(2)(3)(4) CWR19K(3)105(1)(2)B(5) 1.0 6.0 10.0 2.2 D T419D225(1)025(2)(3)(4) CWR19K(3)225(1)(2)D(5) 1.0 6.0 6.0 3.3 E T419E335(1)025(2)(3)(4) CWR19K(3)335(1)(2)E(5) 1.0 6.0 4.0 6.8 F T419F685(1)025(2)(3)(4) CWR19K(3)685(1)(2)F(5) 2.0 6.0 3.0 15.0 G T419G156(1)025(2)(3)(4) CWR19K(3)156(1)(2)G(5) 40 6.0 1.4 22.0 G T419G226(1)025(2)(3)(4) CWR19K(3)226(1)(2)G(5) 6.0 6.0 1.4 22.0 H T419H226(1)025(2)(3)(4) CWR19K(3)226(1)(2)H(5) 6.0 6.0 0.9 22.0 X T419X226(1)025(2)(3)(4) CWR19K(3)226(1)(2)X(5) 6.0 6.0 0.9 33.0 H T419H336(1)025(2)(3)(4) CWR19K(3)336(1)(2)H(5) 10.0 8.0 0.9 33.0 X T419X336(1)025(2)(3)(4) CWR19K(3)336(1)(2)X(5) 10.0 8.0 0.9 35 Volt Rating at +85°C (23 Volt Rating at +125°C) 0.33 A T419A334(1)035(2)(3)(4) CWR19M(3)334(1)(2)A(5) 1.0 6.0 22.0 6.8 G T419G685(1)035(2)(3)(4) CWR19M(3)685(1)(2)G(5) 3.0 6.0 1.5 10.0 H T419H106(1)035(2)(3)(4) CWR19M(3)106(1)(2)H(5) 4.0 8.0 0.9 15.0 X T419X156(1)035(2)(3)(4) CWR19M(3)156(1)(2)X(5) 6.0 6.0 0.9 T419 (CWR19) Ratings & Part Number Reference (1) To complete KEMET/CWR part number, insert K = ±10%; M = ±20% and J = ±5% Capacitance tolerance. (2) To complete KEMET/CWR part number, insert A = Non-ER; Weibull: B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs or D = 0.001%/1000 Hrs. or Exponential: M = 1.0%/1000 hrs., P = 0.1%/1000 hrs., R = 0.01%/1000 hrs. or S = 0.001%/1000 hrs. Reliability Level. (3) To complete KEMET part number, insert B = Gold plated; C = Hot solder dipped; H = Solder plated or K = Solder Fused Termination Finish. (4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull Surge Current Option. (5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; or C = -55, & +85°C before Weibull Surge Current Option. |
Similar Part No. - T409D105J020AB4250 |
|
Similar Description - T409D105J020AB4250 |