Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7124 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7124
Description  Digital Video Encoder ECO-DENC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7124 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7124 Datasheet HTML 4Page - NXP Semiconductors SAA7124 Datasheet HTML 5Page - NXP Semiconductors SAA7124 Datasheet HTML 6Page - NXP Semiconductors SAA7124 Datasheet HTML 7Page - NXP Semiconductors SAA7124 Datasheet HTML 8Page - NXP Semiconductors SAA7124 Datasheet HTML 9Page - NXP Semiconductors SAA7124 Datasheet HTML 10Page - NXP Semiconductors SAA7124 Datasheet HTML 11Page - NXP Semiconductors SAA7124 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1996 Nov 07
8
Philips Semiconductors
Preliminary specification
Digital Video Encoder (ECO-DENC)
SAA7124; SAA7125
RCV2
I/O
36
20
26
Raster Control 2 for video port. This pin provides an HS pulse
of programmable length or receives an HS pulse.
RTCI
I
37
21
27
Real Time Control input. If the LLC clock is provided by an
SAA7111 or SAA7151B, RTCI should be connected to the
RTCO pin of the respective decoder to improve the signal
quality.
VDDD5
I
38
24
30
digital supply voltage 5
VSSD5
I
39
25
31
digital ground 5
n.c.
40
35
not connected
VDDD6
I
41
30
37
digital supply voltage 6
VSSD6
I
42
51
39
digital ground 6
n.c.
43
40
not connected
XTALI
I
44
26
32
Crystal oscillator input (from crystal). If the oscillator is not
used, this pin should be connected to ground.
XTALO
O
45
27
33
Crystal oscillator output (to crystal).
VDDDO
I
46
28
34
digital supply voltage for the internal oscillator; note 1
n.c.
47
−−
not connected
LLC
I/O
48
29
36
Line-Locked Clock. This is the 27 MHz master clock for the
encoder. The I/O direction is set by the CDIR pin.
VDDD7
I
49
52
68
digital supply voltage 7
CDIR
I
50
31
38
Clock direction. If CDIR input is HIGH, the circuit receives a
clock signal, otherwise if CDIR is LOW, LLC is generated by
the internal crystal oscillator.
VSSD7
I
51
53
67
digital ground 7
VrefL1
I
52
32
41
Lower reference voltage 1 input for DACs; connect to analog
ground.
VrefH1
I
53
33
42
Upper reference voltage 1 input for DACs; connect via 100 nF
capacitor to analog ground.
VDDA1
I
54
34
43
Analog supply voltage 1 for DACs.
BLUE
O
55
35
44
Analog output of the BLUE component.
res
I
56
45
reserved
VDDA2
I
57
36
46
Analog supply voltage 2 for DACs.
GREEN
O
58
37
47
Analog output of GREEN component.
res
I
59
48
reserved
VDDA3
I
60
38
49
Analog supply voltage 3 for DACs.
RED
O
61
39
50
Analog output of RED component.
res
I
62
51
reserved
CUR1
I
63
40
52
Current input 1 for RGB amplifiers; connect via 15 k
Ω resistor
to VDDA.
VDDA4
I
64
41
53
Analog supply voltage 4 for DACs.
res
I
65
54
reserved
n.c.
66
−−
not connected
SYMBOL
TYPE
PIN
DESCRIPTION
PLCC84 LQFP64
QFP80


Similar Part No. - SAA7124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7120 PHILIPS-SAA7120 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7120H PHILIPS-SAA7120H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
SAA7120H-01 PHILIPS-SAA7120H-01 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7121 PHILIPS-SAA7121 Datasheet
225Kb / 32P
   Digital Video Encoder (ConDENC)
1997 Jan 06
SAA7121H PHILIPS-SAA7121H Datasheet
156Kb / 36P
   Digital video encoder
2002 Oct 11
More results

Similar Description - SAA7124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
   Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
STMicroelectronics
STW8009 STMICROELECTRONICS-STW8009_07 Datasheet
733Kb / 66P
   Mobile video DENC
STW8009 STMICROELECTRONICS-STW8009 Datasheet
569Kb / 55P
   Mobile Video DENC
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com