Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7118 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # SAA7118
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7118 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button SAA7118 Datasheet HTML 61Page - NXP Semiconductors SAA7118 Datasheet HTML 62Page - NXP Semiconductors SAA7118 Datasheet HTML 63Page - NXP Semiconductors SAA7118 Datasheet HTML 64Page - NXP Semiconductors SAA7118 Datasheet HTML 65Page - NXP Semiconductors SAA7118 Datasheet HTML 66Page - NXP Semiconductors SAA7118 Datasheet HTML 67Page - NXP Semiconductors SAA7118 Datasheet HTML 68Page - NXP Semiconductors SAA7118 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 169 page
background image
2001 May 30
65
Philips Semiconductors
Preliminary specification
Multistandard video decoder with adaptive
comb filter and component video input
SAA7118
Table 20 Explanation to Fig.37
Notes
1. Inverted EP (bit 7); for EP see note 2.
2. Even parity (bit 6) of bits 5 to 0.
3. Odd parity (bit 7) of bits 6 to 0.
NAME
EXPLANATION
SAV
start of active data; see Table 21
SDID
sliced data identification: NEP(1), EP(2), SDID5 to SDID0, freely programmable via I2C-bus subaddress
5EH, D5 to D0, e. g. to be used as source identifier
DC
Dword count: NEP(1), EP(2), DC5 to DC0. DC describes the number of succeeding 32-bit words:
• For SAV/EAV mode DC is fixed to 11 Dwords (byte value 4BH)
• For ANC mode it is: DC = 14(C + n), where C = 2 (the two data identification bytes IDI1 and IDI2) and
n = number of decoded bytes according to the chosen text standard.
It should be noted that the number of valid bytes inside the stream can be seen in the BC byte.
IDI1
internal data identification 1: OP(3), FID (field 1 = 0, field 2 = 1),
LineNumber8 to LineNumber3 = Dword 1 byte 1; see Table 21
IDI2
internal data identification 2: OP(3), LineNumber2 to LineNumber0,
DataType3 to DataType0 = Dword 1 byte 2; see Table 21
Dn_m
Dword number n, byte number m
DDC_4
last Dword byte 4, note: for SAV/EAV framing DC is fixed to 0BH, missing data bytes are filled up; the fill
value is A0H
CS
the check sum byte, the check sum is accumulated from the SAV (respectively DID) byte to the DDC_4 byte
BC
number of valid sliced bytes counted from the IDI1 byte
EAV
end of active data; see Table 21


Similar Part No. - SAA7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7110 PHILIPS-SAA7110 Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7110A PHILIPS-SAA7110A Datasheet
416Kb / 76P
   One Chip Front-end 1 OCF1
1995 Oct 18
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com