Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7114H Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7114H
Description  PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7114H Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7114H Datasheet HTML 4Page - NXP Semiconductors SAA7114H Datasheet HTML 5Page - NXP Semiconductors SAA7114H Datasheet HTML 6Page - NXP Semiconductors SAA7114H Datasheet HTML 7Page - NXP Semiconductors SAA7114H Datasheet HTML 8Page - NXP Semiconductors SAA7114H Datasheet HTML 9Page - NXP Semiconductors SAA7114H Datasheet HTML 10Page - NXP Semiconductors SAA7114H Datasheet HTML 11Page - NXP Semiconductors SAA7114H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
2000 Mar 15
8
Philips Semiconductors
Preliminary specification
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC
comb filter, VBI-data slicer and high performance scaler
SAA7114H
RTCO
36
(I/)O
real-time control output; contains information about actual system clock
frequency, field rate, odd/even sequence, decoder status, subcarrier frequency
and phase and PAL sequence (see external document
“RTC Functional
Description”, available on request); the RTCO pin is enabled via I2C-bus
bit RTCE; see notes 2, 3 and Table 34
AMCLK
37
O
audio master clock output, up to 50% of crystal clock
VSSD(ICO1)
38
P
internal digital core supply ground 1
ASCLK
39
O
audio serial clock output
ALRCLK
40
(I/)O
audio left/right clock output; can be strapped to supply via a 3.3 k
Ω resistor to
indicate that the default 24.576 MHz crystal (ALRCLK = 0; internal pull-down)
has been replaced by a 32.110 MHz crystal (ALRCLK = 1); see notes 2 and 4
AMXCLK
41
I
audio master external clock input
ITRDY
42
I
target ready input, image port (with internal pull-up)
VDDD(ICO2)
43
P
internal digital core supply voltage 2 (+3.3 V)
TEST0
44
O
do not connect; reserved for future extensions and for testing: scan output
ICLK
45
I/O
clock output signal for image port, or optional asynchronous back-end clock
input
IDQ
46
O
output data qualifier for image port (optional: gated clock output)
ITRI
47
I(/O)
image port output control signal, effects all input port pins inclusive ICLK, enable
and active polarity is under software control (bits IPE in subaddress 87H); output
path used for testing: scan output
IGP0
48
O
general purpose output signal 0; image port (controlled by subaddresses
84H and 85H)
IGP1
49
O
general purpose output signal 1; image port (controlled by subaddresses
84H and 85H)
VSSD(EP2)
50
P
external digital pad supply ground 2
VDDD(EP3)
51
P
external digital pad supply voltage 3 (+3.3 V)
IGPV
52
O
multi purpose vertical reference output signal; image port (controlled by
subaddresses 84H and 85H)
IGPH
53
O
multi purpose horizontal reference output signal; image port (controlled by
subaddresses 84H and 85H)
IPD7 to IPD4
54 to 57
O
image port data outputs
VDDD(ICO3)
58
P
internal digital core supply voltage 3 (+3.3 V)
IPD3 to IPD0
59 to 62
O
image port data output
VSSD(ICO2)
63
P
internal digital core supply ground 2
HPD7 to HPD4
64 to 67
I/O
host port data I/O, carries UV chrominance information in 16-bit video I/O modes
VDDD(ICO4)
68
P
internal digital core supply voltage 4 (+3.3 V)
HPD3 to HPD0
69 to 72
I/O
host port data I/O, carries UV chrominance information in 16-bit video I/O modes
TEST1
73
I
do not connect; reserved for future extensions and for testing: scan input
TEST2
74
I
do not connect; reserved for future extensions and for testing: scan input
VDDD(EP4)
75
P
external digital pad supply voltage 4 (+3.3 V)
VSSD(EP3)
76
P
external digital pad supply ground 3
TEST3
77
I
do not connect; reserved for future extensions and for testing: scan input
SYMBOL
PIN
TYPE
DESCRIPTION


Similar Part No. - SAA7114H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results

Similar Description - SAA7114H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Renesas Technology Corp
TW9900 RENESAS-TW9900 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
TW9910 RENESAS-TW9910 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
NXP Semiconductors
SAA7115 PHILIPS-SAA7115 Datasheet
732Kb / 214P
   PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
23 Oct 2001
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com