Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7114H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7114H
Description  PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7114H Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7114H Datasheet HTML 1Page - NXP Semiconductors SAA7114H Datasheet HTML 2Page - NXP Semiconductors SAA7114H Datasheet HTML 3Page - NXP Semiconductors SAA7114H Datasheet HTML 4Page - NXP Semiconductors SAA7114H Datasheet HTML 5Page - NXP Semiconductors SAA7114H Datasheet HTML 6Page - NXP Semiconductors SAA7114H Datasheet HTML 7Page - NXP Semiconductors SAA7114H Datasheet HTML 8Page - NXP Semiconductors SAA7114H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
2000 Mar 15
5
Philips Semiconductors
Preliminary specification
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC
comb filter, VBI-data slicer and high performance scaler
SAA7114H
4
QUICK REFERENCE DATA
Note
1. Power dissipation is measured in CVBS input mode (only one ADC active) and 8-bit image port output mode,
expansion port is 3-stated.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
3.0
3.3
3.6
V
VDDDC
digital core supply voltage
3.0
3.3
3.6
V
VDDA
analog supply voltage
3.1
3.3
3.5
V
Tamb
operating ambient temperature
0
70
°C
PA+D
analog and digital power dissipation; note 1
0.45
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7114H
LQFP100
plastic low profile quad flat package; 100 leads; body 14
× 14 × 1.4 mm
SOT407-1


Similar Part No. - SAA7114H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
More results

Similar Description - SAA7114H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114 PHILIPS-SAA7114 Datasheet
759Kb / 147P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
2004 Mar 03
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Renesas Technology Corp
TW9900 RENESAS-TW9900 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
TW9910 RENESAS-TW9910 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
NXP Semiconductors
SAA7115 PHILIPS-SAA7115 Datasheet
732Kb / 214P
   PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
23 Oct 2001
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com