Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819R2-L-5-0 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX3819R2-L-5-0
Description  500mA, Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819R2-L-5-0 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX3819R2-L-5-0 Datasheet HTML 1Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 2Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 3Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 4Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 5Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 6Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 7Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 8Page - Sipex Corporation SPX3819R2-L-5-0 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Jun 5-07 Rev E
SPX3819 500mA, Low Noise LDO Voltage Regulator
© 2007 Sipex Corporation
Dropout Voltage vs Load Current
Output Voltage vs Load Current
Ground Current vs Temperature with 100
µA Load
Ground Current vs Temperature with 50mA Load
350
300
250
200
150
100
50
0
0
100
200
300
400
500
IL (mA)
3.3V Device
CL = 1.0µF
0
100
200
300
400
500
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0µF
130
120
110
100
90
80
70
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN= 4.3µF
CL= 1.0µF
IL = 100µA
360
340
320
300
280
260
240
220
200
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
3.3V Device
VIN = 4.3
CL= 1.0µF
IL = 50mA
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
3
.316
3
.314
3.312
3
.310
3
.308
3
.304
3
.302
3
.300
3
.306


Similar Part No. - SPX3819R2-L-5-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819R2-L-1-2 EXAR-SPX3819R2-L-1-2 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
SPX3819R2-L-1-2 EXAR-SPX3819R2-L-1-2 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819R2-L-1-2/TR EXAR-SPX3819R2-L-1-2/TR Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
SPX3819R2-L-1-2/TR EXAR-SPX3819R2-L-1-2/TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819R2-L-1-8 EXAR-SPX3819R2-L-1-8 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819R2-L-5-0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com