Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7102H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7102H
Description  Digital video encoder
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7102H Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7102H Datasheet HTML 1Page - NXP Semiconductors SAA7102H Datasheet HTML 2Page - NXP Semiconductors SAA7102H Datasheet HTML 3Page - NXP Semiconductors SAA7102H Datasheet HTML 4Page - NXP Semiconductors SAA7102H Datasheet HTML 5Page - NXP Semiconductors SAA7102H Datasheet HTML 6Page - NXP Semiconductors SAA7102H Datasheet HTML 7Page - NXP Semiconductors SAA7102H Datasheet HTML 8Page - NXP Semiconductors SAA7102H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
2001 Sep 25
4
Philips Semiconductors
Product specification
Digital video encoder
SAA7102; SAA7103
3
ORDERING INFORMATION
4
QUICK REFERENCE DATA
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7102E
BGA156
plastic ball grid array package; 156 balls; body
15
× 15 × 1.15 mm
SOT472-1
SAA7103E
SAA7102H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
SAA7103H
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
3.15
3.3
3.45
V
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDDA
analog supply current
1
110
140
mA
IDDD
digital supply current
1
70
90
mA
Vi
input signal voltage levels
TTL compatible
Vo(p-p)
analog CVBS output signal voltage for a 100/100
colour bar at 75/2
Ω load (peak-to-peak value)
1.23
V
RL
load resistance
37.5
−Ω
ILElf(DAC)
low frequency integral linearity error of DACs
−−±3
LSB
DLElf(DAC)
low frequency differential linearity error of DACs
−−±1
LSB
Tamb
ambient temperature
0
70
°C


Similar Part No. - SAA7102H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102H NXP-SAA7102H Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
More results

Similar Description - SAA7102H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com