Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7111WP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7111WP
Description  Video Input Processor VIP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7111WP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7111WP Datasheet HTML 7Page - NXP Semiconductors SAA7111WP Datasheet HTML 8Page - NXP Semiconductors SAA7111WP Datasheet HTML 9Page - NXP Semiconductors SAA7111WP Datasheet HTML 10Page - NXP Semiconductors SAA7111WP Datasheet HTML 11Page - NXP Semiconductors SAA7111WP Datasheet HTML 12Page - NXP Semiconductors SAA7111WP Datasheet HTML 13Page - NXP Semiconductors SAA7111WP Datasheet HTML 14Page - NXP Semiconductors SAA7111WP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1998 May 15
11
Philips Semiconductors
Product specification
Video Input Processor (VIP)
SAA7111
8
FUNCTIONAL DESCRIPTION
8.1
Analog input processing
The SAA7111 offers four analog signal inputs, two analog
main channels with clamp circuit, analog amplifier,
anti-alias filter and video CMOS ADC (see Fig.6).
8.2
Analog control circuits
The anti-alias filters are adapted to the line-locked clock
frequency with help from a filter control. During the vertical
blanking, time gain and clamping control are frozen.
8.2.1
CLAMPING
The clamp control circuit controls the correct clamping of
the analog input signals. The coupling capacitor is also
used to store and filter the clamping voltage. An internal
digital clamp comparator generates the information with
respect to clamp-up or clamp-down. The clamping levels
for the two ADC channels are fixed for luminance (60) and
chrominance (128). Clamping time in normal use is set
with the HCL pulse at the back porch of the video signal.
8.2.2
GAIN CONTROL
Signal (white) peak control limits the gain at signal
overshoots. The flow charts (see Figs 10 and 11) show
more details of the AGC. The influence of supply voltage
variation within the specified range is automatically
eliminated by clamp and automatic gain control.
The gain control circuit receives (via the I2C-bus) the static
gain levels for the two analog amplifiers or controls one of
these amplifiers automatically via a built-in automatic gain
Fig.4
Analog line with clamp (HCL) and gain
range (HSY).
handbook, halfpage
HCL
MGC661
HSY
analog line blanking
TV line
1
60
225
GAIN
CLAMP
control (AGC) as part of the Analog Input Control (AICO).
The AGC (automatic gain control for luminance) is used to
amplify a CVBS or Y signal to the required signal
amplitude, matched to the ADCs input voltage range.
The AGC active time is the sync bottom of the video signal.
8.3
Chrominance processing
The 8-bit chrominance signal is fed to the multiplication
inputs of a quadrature demodulator, where two subcarrier
signals from the local oscillator DTO1 are applied
(0 and 90
° phase relationship to the demodulator axis).
The frequency is dependent on the present colour
standard. The output signals of the multipliers are
low-pass filtered (four programmable characteristics) to
achieve the desired bandwidth for the colour difference
signals.
The colour difference signals are fed to the
Brightness/Contrast/Saturation block (BCS), which
includes the following five functions;
1. AGC (automatic gain control for chrominance)
2. Chroma amplitude matching [different gain factors for
(R
−Y) and (B−Y) to achieve CCIR-601 levels
Cr and Cb]
3. Chroma saturation control
4. Luminance contrast and brightness
5. Limiting YUV to the values 1 (min.) and 254 (max.) to
fulfil CCIR-601 requirements.
Fig.5 Automatic gain range.
handbook, halfpage
analog input level
controlled
ADC input level
maximum
minimum
range 10 dB
0 dB
0 dB
MGC660
+4 dB
−6 dB
(1 V(p-p) 75
Ω)


Similar Part No. - SAA7111WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AH PHILIPS-SAA7111AH Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
SAA7111AHZ PHILIPS-SAA7111AHZ Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
More results

Similar Description - SAA7111WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
NXP Semiconductors
SAA7111A PHILIPS-SAA7111A Datasheet
441Kb / 72P
   Enhanced Video Input Processor EVIP
1998 May 15
logo
List of Unclassifed Man...
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com