Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7111A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7111A
Description  Enhanced Video Input Processor EVIP
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7111A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7111A Datasheet HTML 3Page - NXP Semiconductors SAA7111A Datasheet HTML 4Page - NXP Semiconductors SAA7111A Datasheet HTML 5Page - NXP Semiconductors SAA7111A Datasheet HTML 6Page - NXP Semiconductors SAA7111A Datasheet HTML 7Page - NXP Semiconductors SAA7111A Datasheet HTML 8Page - NXP Semiconductors SAA7111A Datasheet HTML 9Page - NXP Semiconductors SAA7111A Datasheet HTML 10Page - NXP Semiconductors SAA7111A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
1998 May 15
7
Philips Semiconductors
Product specification
Enhanced Video Input Processor (EVIP)
SAA7111A
RTS0
29
O
Two functions output; controlled by I2C-bus bit RTSE0.
RTSE0 = 0: odd/even field identification (HIGH = odd field). RTSE0 = 1: vertical
locked indicator; a HIGH state indicates that the internal Vertical Noise Limiter (VNL)
has locked.
VS
30
O
Vertical sync signal (enabled via I2C-bus bit OEHV); this signal indicates the vertical
sync with respect to the YUV output. The HIGH period of this signal is approximately
six lines if the VNL function is active. The positive slope contains the phase
information for a deflection controller.
HREF
31
O
Horizontal reference output signal (enabled via I2C-bus bit OEHV); this signal is used
to indicate data on the digital YUV bus. The positive slope marks the beginning of a
new active line. The HIGH period of HREF is 720 Y samples long. HREF can be used
to synchronize data multiplexer/demultiplexer. HREF is also present during the
vertical blanking interval.
VSSD3
32
P
Ground for digital supply voltage input 3.
VDDD3
33
P
Digital supply voltage 3 (+3.3 V).
VPO
(15 to 10)
34 to 39
O
Digital VPO-bus (Video Port Out) signal; higher bits of the 16-bit VPO-bus or the
16-bit RGB-bus output signal. The output data rate, the format and multiplexing
scheme of the VPO-bus are controlled via I2C-bus bits OFTS0 and OFTS1. If I2C-bus
bit VIPB = 1 the six MSBs of the digitized input signal are connected to these outputs,
configured by the I2C-bus ‘MODE’ bits (see Figs 33 to 40):
LUMA
→ VPO15 to VPO8, CHROMA → VPO7 to VPO0.
VSSD2
40
P
Ground for digital supply voltage input 2.
VDDD2
41
P
Digital supply voltage 2 (+3.3 V).
VPO
(9 to 0)
42 to 51
O
Digital VPO-bus output signal; lower bits of the 16-bit YUV-bus or the 16-bit RGB-bus
output signal. The output data rate, the format and multiplexing schema of the
VPO-bus are controlled via I2C-bus bits OFTS0 and OFTS1. If I2C-bus bit VIPB = 1
the digitized input signal are connected to these outputs, configured by the I2C-bus
‘MODE’ bits (see Figs 33 to 40): LUMA
→ VPO15 to VPO8,
CHROMA
→ VPO7 to VPO0.
FEI
52
I
Fast enable input signal (active LOW); this signal is used to control fast switching on
the digital YUV-bus. A HIGH at this input forces the IC to set its Y and UV outputs to
the high impedance state.
GPSW
53
O
General purpose switch output; the state of this signal is set via I2C-bus control and
the levels are TTL compatible.
XTAL
54
O
Second terminal of crystal oscillator; not connected if external clock signal is used.
XTALI
55
I
Input terminal for 24.576 MHz crystal oscillator or connection of external oscillator
with CMOS compatible square wave clock signal.
VSSD1
56
P
Ground for digital supply voltage input 1.
VDDD1
57
P
Digital supply voltage input 1 (+3.3 V).
TRST
58
I
Test reset input not (active LOW), for boundary scan test; notes 1, 2 and 3.
TCK
59
I
Test clock for boundary scan test; note 1.
RTCO
60
O
Real time control output: contains information about actual system clock frequency,
subcarrier frequency and phase and PAL sequence.
SYMBOL
PIN
I/O/P
DESCRIPTION
(L)QFP64


Similar Part No. - SAA7111A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111H PHILIPS-SAA7111H Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
SAA7111WP PHILIPS-SAA7111WP Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
More results

Similar Description - SAA7111A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7144HL NXP-SAA7144HL Datasheet
323Kb / 64P
   Quadruple video input processor
Rev. 01-21 April 2005
SAA7111 PHILIPS-SAA7111 Datasheet
403Kb / 64P
   Video Input Processor VIP
1998 May 15
PNX2000 PHILIPS-PNX2000 Datasheet
244Kb / 31P
   Audio video input processor
Rev. 03-23 August 2004
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
logo
NXP Semiconductors
SAA7113H PHILIPS-SAA7113H Datasheet
279Kb / 80P
   9-bit video input processor
1999 Jul 01
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
TDA9045 ETC-TDA9045 Datasheet
183Kb / 5P
   VIDEO PROCESSOR AND INPUT SELECTOR
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
Analog Devices
AD6426 AD-AD6426 Datasheet
506Kb / 50P
   Enhanced GSM Processor
Revision Preliminary 2.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com