Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5497 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA5497
Description  Economy teletext and TV microcontrollers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5497 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA5497 Datasheet HTML 6Page - NXP Semiconductors SAA5497 Datasheet HTML 7Page - NXP Semiconductors SAA5497 Datasheet HTML 8Page - NXP Semiconductors SAA5497 Datasheet HTML 9Page - NXP Semiconductors SAA5497 Datasheet HTML 10Page - NXP Semiconductors SAA5497 Datasheet HTML 11Page - NXP Semiconductors SAA5497 Datasheet HTML 12Page - NXP Semiconductors SAA5497 Datasheet HTML 13Page - NXP Semiconductors SAA5497 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
February 1995
10
Philips Semiconductors
Preliminary specification
One page Economy Teletext/TV
microcontroller
SAA5290
Digital input/outputs
P0.0 TO P0.4, P0.7, P1.0 TO P1.5, P2.0 TO P2.7 AND P3.0 TO P3.5
VIL
LOW level input voltage
−0.3
0.2VDD − 0.1 V
VIH
HIGH level input voltage
0.2VDD + 0.9 −
VDD + 0.3
V
CI
input capacitance
−−
4pF
VOL
LOW level output voltage
IOL = 3.2 mA
0
0.45
V
CL
load capacitance
−−
50
pF
P0.5 AND P0.6
VIL
LOW level input voltage
−0.3
0.2VDD − 0.1 V
VIH
HIGH level input voltage
0.2VDD + 0.9 −
VDD + 0.3
V
CI
input capacitance
−−
4pF
VOL
LOW level output voltage
IOL =10mA
0
0.45
V
CL
load capacitance
−−
50
pF
P1.6 AND P1.7
VIL
LOW level input voltage
−0.3
+1.5
V
VIH
HIGH level input voltage
3.0
VDD + 0.3
V
CI
input capacitance
−−
5pF
VOL
LOW level output voltage
IOL = 3 mA
0
0.5
V
CL
load capacitance
−−
400
pF
tf
output fall time
between 3 and 1 V
−−
200
ns
Analog inputs
CVBS0 AND CVBS1
Vsync
sync voltage amplitude
0.1
0.3
0.6
V
Vvid(p-p)
video input voltage amplitude
(peak-to-peak value)
0.7
1.0
1.4
V
Zsource
source impedance
−−
250
VIH
HIGH level input voltage
3.0
VDD + 0.3
V
|ZI|
input impedance
2.5
5.0
k
CI
input capacitance
−−
10
pF
IREF
Rgnd
resistor to ground
27
k
RGBREF (note 1)
VI
input voltage
−0.3
VDD
V
II
DC input current
−−
12
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SAA5497

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5497H PHILIPS-SAA5497H Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5497PS PHILIPS-SAA5497PS Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
More results

Similar Description - SAA5497

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com