Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6686ER Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6686ER
Description  Evaluation Board Manual
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6686ER Datasheet(HTML) 1 Page - Sipex Corporation

  SP6686ER Datasheet HTML 1Page - Sipex Corporation SP6686ER Datasheet HTML 2Page - Sipex Corporation SP6686ER Datasheet HTML 3Page - Sipex Corporation SP6686ER Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 04/19/05
SP6686EB Evaluation Board Manual
Copyright 2005 Sipex Corporation
DESCRIPTION AND BOARD SCHEMATIC
The SP6686EB Evaluation Board is a compact circuit including the SP6686 in 3x3mm DFN
and 3 small 0603 capacitors which can provide a stable drive current for a 1W LED such as the
AOT White LED, Lumi-LEDs Luxeon I or PWF1 type light sources. The evaluation board is a
completely assembled and tested surface mount board which provides easy probe access
points to all SP6686 inputs and outputs so that the user can quickly connect and measure
electrical characteristics and waveforms.
SP6686EB Schematic
J2
1
2
3
D1
1W LED
Cout
2.2uF
CF
.47uF
Vin: 3.0-4.2V
SP6686
Vin
1
C1
2
IFB
7
ISET
6
EN
5
FLASH
4
C2
3
SGND
8
PGND
9
VOUT
10
R SET
106K
R EN
10K
Cin
4.7uF
R FB
0.33Ohm
SW1
Push ON
Vfb=50mV Torch 150mA
132mV Flash 400mA
TO GET STARTED:
1. Connect VIN from VIN to GND (VIN range 2.7V to 4.2V).
2. Select mode between TORCH and FLASH by putting jumper into corresponding position.
3. Apply High to ON terminal to turn the LED on.
2.7V to 5.5V Input Range
Typical 150mA Torch or 400mA
Flash Output Current
High Efficiency in 1X mode, high
VOUT in 2X mode
Small 3x3mm 10-Pin DFN Package
2.4MHz Switching Frequency
Enables Small Components
Integrated Design with Minimal
Components.
Use with 1 cell Lithium Ion Battery
SP6686EB
Evaluation Board Manual


Similar Part No. - SP6686ER

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L/TR EXAR-SP6686ER-L/TR Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L/TR EXAR-SP6686ER-L/TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6686ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com