Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2941U5 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2941U5
Description  1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2941U5 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX2941U5 Datasheet HTML 2Page - Sipex Corporation SPX2941U5 Datasheet HTML 3Page - Sipex Corporation SPX2941U5 Datasheet HTML 4Page - Sipex Corporation SPX2941U5 Datasheet HTML 5Page - Sipex Corporation SPX2941U5 Datasheet HTML 6Page - Sipex Corporation SPX2941U5 Datasheet HTML 7Page - Sipex Corporation SPX2941U5 Datasheet HTML 8Page - Sipex Corporation SPX2941U5 Datasheet HTML 9Page - Sipex Corporation SPX2941U5 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
Date: Sept 28-06 Rev E
SPX294 A Low Dropout Linear Regulator
© 2006 Sipex Corporation
PART NUMBER .................... ACCURACY ... OUTPUT VOLTAGE ...................... PACKAGE
SPX2941T5 ............................ 3% ........................ Adj ............................. 5 lead TO-263
SPX2941T5/TR ...................... 3% ........................ Adj ............................. 5 lead TO-263
SPX2941U5 ........................... 3% ........................ Adj ............................. 5 lead TO-220
PACKAGE PINOUTS
ORDERING INFORMATION
TO-263-5 Package (T5)
Top View
4 5
3
2
1
TO-220-5 Package (U5)
Top View
1 2 3 4 5
VIN
GND
VOUT
1)
3)
4)
5)
2) Enable
ADJUST
SPX2941
Available in lead free packaging.To order add "-L" suffix to part number.
Example: SPX2941T5/TR = standard; SPX2941T5-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 500 for TO-263-5.
Note: Tab is internally connected to GND
Sipex Corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 90
TEL: (408) 94-00
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM


Similar Part No. - SPX2941U5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2941U5 SIPEX-SPX2941U5 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
SPX2941U5 SIPEX-SPX2941U5 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
More results

Similar Description - SPX2941U5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
Sipex Corporation
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com