Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2975 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2975
Description  400mA Low Dropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2975 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX2975_05 Datasheet HTML 3Page - Sipex Corporation SPX2975_05 Datasheet HTML 4Page - Sipex Corporation SPX2975_05 Datasheet HTML 5Page - Sipex Corporation SPX2975_05 Datasheet HTML 6Page - Sipex Corporation SPX2975_05 Datasheet HTML 7Page - Sipex Corporation SPX2975_05 Datasheet HTML 8Page - Sipex Corporation SPX2975_05 Datasheet HTML 9Page - Sipex Corporation SPX2975_05 Datasheet HTML 10Page - Sipex Corporation SPX2975_05 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Date: 1/17/05
SPX2975 400mA Low Dropout Voltage Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 5 PIN TO-220
H1
B
SEATING
PLANE
A1
A
CHAMFER
OPTIONAL
C
A2
A
A
c
WITH PLATING
BASE METAL
b
CONTACT AREA
L
C
C
DD
b
e1
e
E
øP
Q
D
D1
E2
E/2
L1
1
e
SYMBOL
MIN
NOM
MAX
A
0.16
-
0.19
A1
0.02
-
0.055
A2
0.08
-
0.115
b
0.015
0.027
0.04
b2
0.045
-
0.07
c
0.014
-
0.024
D
0.56
-
0.65
D1
0.33
-
0.355
D2
0.48
-
0.507
E
0.38
-
0.42
E1
0.27
-
0.35
E2
-
-
0.03
e
e1
H1
0.23
-
0.27
L1
-
-
0.25
L2
---
∆P
0.139
-
0.161
Q
0.1
-
0.135
Note: Dimensions in (mm)
5 Pin TO-220 JEDEC TO-220 (AC)
Variation
.100 BSC
.100 BSC
SYMBOL
MIN
NOM
MAX
A
0.006
-
0.007
A1
0.001
-
0.002
A2
0.003
-
0.005
b
0.001
0.001
0.002
b2
0.002
-
0.003
c
0.001
-
0.001
D
0.022
-
0.026
D1
0.013
-
0.014
D2
0.019
-
0.020
E
0.015
-
0.017
E1
0.011
-
0.014
E2
-
-
0.001
e
e1
H1
0.009
-
0.011
L1
-
-
0.010
L2
---
∆P
0.005
-
0.006
Q
0.004
-
0.005
Note: Dimensions in (inch)
5 Pin TO-220 JEDEC TO-220 (AC)
Variation
.004 BSC
.004 BSC


Similar Part No. - SPX2975_05

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2975ACN-3.0 SIPEX-SPX2975ACN-3.0 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
SPX2975ACN-3.3 SIPEX-SPX2975ACN-3.3 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
SPX2975ACN-5.0 SIPEX-SPX2975ACN-5.0 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
SPX2975ACP-3.0 SIPEX-SPX2975ACP-3.0 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
SPX2975ACP-3.3 SIPEX-SPX2975ACP-3.3 Datasheet
422Kb / 8P
   180 mA Low Dropout Voltage Regulators
More results

Similar Description - SPX2975_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com