Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2815AT-2-5 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2815AT-2-5
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AT-2-5 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2815AT-2-5 Datasheet HTML 1Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 2Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 3Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 4Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 5Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 6Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 7Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 8Page - Sipex Corporation SPX2815AT-2-5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Date: 6/21/06 Rev C
SPX2815 1.5A Low Dropout Voltage Regulator
© 2006 Sipex Corporation
Figure 9. 5V Regulator with Shutdown
SPX2815
V
IN
R
1
R
2
10μF
10μF*
1kΩ,
330Ω
1%
+
+
4.7μF
C
1
*C
1
improves ripple rejection.
Z
C
should be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: V
IN(MIN) = (Intended VOUT
) + (V DROPOUT (MAX))
1%
1kΩ
SPX2815
10μF
1%
330W
1%
+
+
4.7μF
5V
ADJ
IN
OUT
(Note A)
1K
1k
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)
= (Intended V
OUT
) + (V
)
V
IN
Figure 10. Recommended Connections for Best Results
Figure 8. Improving Ripple Rejection
SPX2815
R 2
R 1
Connect R
2
to Load
R L
Connect R to
Case of Regulator
RP Parasitic Line
Resistance
ADJ
VOUT
VIN
IN
OUT
I ADJ
SPX2815
C1
R
1
R
2
VOUT
VIN
C
2
V
OUT =V REF (1+R 2 /R1) +I ADJ R 2
V
REF
50μA
ADJ
4.7μF +
Figure 7. Typical Adjustable Regulator
APPLICATION INFORMATION: Continued
Top View
TO-263-3 (T)
1
2
3
Front View
TO-220-3 (U)
1
23
Front View
TO-252 (R)
ADJ/GND
V
OUT
1
23
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
PINOUTS
Note: Tab is connected to Pin 2 (Vout)


Similar Part No. - SPX2815AT-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AT-2-5 SIPEX-SPX2815AT-2-5 Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AT-2-5TR SIPEX-SPX2815AT-2-5TR Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AT-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com