Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7102 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7102
Description  Digital video encoder
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7102 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7102 Datasheet HTML 2Page - NXP Semiconductors SAA7102 Datasheet HTML 3Page - NXP Semiconductors SAA7102 Datasheet HTML 4Page - NXP Semiconductors SAA7102 Datasheet HTML 5Page - NXP Semiconductors SAA7102 Datasheet HTML 6Page - NXP Semiconductors SAA7102 Datasheet HTML 7Page - NXP Semiconductors SAA7102 Datasheet HTML 8Page - NXP Semiconductors SAA7102 Datasheet HTML 9Page - NXP Semiconductors SAA7102 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
2001 Sep 25
6
Philips Semiconductors
Product specification
Digital video encoder
SAA7102; SAA7103
6
PINNING
SYMBOL
PIN
PIN
TYPE(1)
DESCRIPTION
BGA156 QFP44
PD8
B2
1
I
see Tables 25 to 29 for pin assignment
PD9
B1
2
I
see Tables 25 to 29 for pin assignment
PD10
C2
3
I
see Tables 25 to 29 for pin assignment
PD11
C1
4
I
see Tables 25 to 29 for pin assignment
RESET
D2
5
I
reset input; active LOW
TMS
D3
6
I
test mode select input for Boundary Scan Test (BST); note 2
TDO
D1
7
O
test data output for BST; note 2
TCLK
E1
8
I
test clock input for BST; note 2
VSSD1
E4
9
S
digital ground 1 (peripheral cells)
VDDD1
F4
10
S
digital supply voltage 1 (3.3 V, peripheral cells)
SCL
E2
11
I
I2C-bus serial clock input
SDA
G2
12
I/O
I2C-bus serial data input/output
FSVGC
G1
13
I/O
frame synchronization output to Video Graphics Controller
(VGC) (optional input)
VSVGC
F1
14
I/O
vertical synchronization output to VGC (optional input)
PIXCLKI
F2
15
I
pixel clock input (looped through)
PD3
F3
16
I
MSB
− 4 with C
B-Y-CR 4 : 2 : 2; see Tables 25 to 29 for pin
assignment
PD2
H1
17
I
MSB
− 5 with C
B-Y-CR 4 : 2 : 2; see Tables 25 to 29 for
pin assignment
PD1
H2
18
I
MSB
− 6 with CB-Y-CR 4 : 2 : 2; see Tables 25 to 29 for
pin assignment
PD0
H3
19
I
MSB
− 7 with C
B-Y-CR 4 : 2 : 2; see Tables 25 to 29 for
pin assignment
PIXCLKO
G4
20
O
pixel clock output to VGC
CBO
G3
21
O
composite blanking output to VGC; active LOW
HSVGC
E3
22
I/O
horizontal synchronization output to VGC (optional input)
TTX_SRES
C3
23
I
teletext input or sync reset input
TTXRQ_XCLKO2
C4
24
O
teletext request output or 13.5 MHz clock output of the crystal
oscillator
VSM
D7
25
O
vertical synchronization output to monitor (non-interlaced
auxiliary RGB)
HSM_CSYNC
D8
26
O
horizontal synchronization output to monitor (non-interlaced
auxiliary RGB) or composite sync for RGB-SCART
RED_CR_C
C8
27
O
analog output of RED or CR or C signal
GREEN_VBS_CVBS
C7
28
O
analog output of GREEN or VBS or CVBS signal
VDDA1
A10, B9,
C9, D9
29
S
analog supply voltage 1 (3.3 V for DACs)
BLUE_CB_CVBS
C6
30
O
analog output of BLUE or CB or CVBS signal


Similar Part No. - SAA7102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7102E NXP-SAA7102E Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
SAA7102H NXP-SAA7102H Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
More results

Similar Description - SAA7102

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com