Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM400DU-12H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. CM400DU-12H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM400DU-12H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sep.1998
MITSUBISHI IGBT MODULES
CM400DU-12H
HIGH POWER SWITCHING USE
INSULATED TYPE
GATE CHARGE, Q
G, (nC)
GATE CHARGE, VGE
20
0
300
600
16
12
8
4
0
900
1200
VCC = 300V
VCC = 200V
IC = 400A
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
103
101
102
103
102
101
Irr
trr
di/dt = -800A/
µsec
Tj = 25°C
102
101
100
COLLECTOR CURRENT, I
C, (AMPERES)
103
101
102
103
102
101
100
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
RG = 1.6 Ω
Tj = 125°C
tf
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
10-1
100
102
102
101
100
10-1
VGE = 0V
101
Cies
Coes
Cres
0.6
1.0
1.4
1.8
2.6
2.2
3.0
100
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
Tj = 25°C
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
0
4
8
12
16
20
8
6
4
2
0
Tj = 25°C
IC = 160A
IC = 800A
IC = 400A
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
5
0
160
320
480
640
4
3
2
1
0
800
VGE = 15V
Tj = 25°C
Tj = 125°C
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
0
4
8
12
16
20
640
480
320
160
0
800
VCE = 10V
Tj = 25°C
Tj = 125°C
OUTPUT CHARACTERISTICS
(TYPICAL)
0
480
160
0
320
540
800
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
2468
10
VGE = 20V
15
14
13
12
11
8
Tj = 25
oC
10
9


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM100TU-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200DY-28HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM350DU-5FHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM600HU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM100TX1-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM200DY-2HBHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM75E2Y-HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CM1000HA-24HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM150DU-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM200E3U-12HHIGH POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn