Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1129R-3-3 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1129R-3-3
Description  400mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1129R-3-3 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1129R-3-3 Datasheet HTML 1Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 2Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 3Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 4Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 5Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 6Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 7Page - Sipex Corporation SPX1129R-3-3 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Mar3-07
SPX29 400 mA Low Dropout Linear Regulator
© 2007 Sipex Corporation
PAckAge: 3 Pin SOT-223


Similar Part No. - SPX1129R-3-3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129R-3.3 SIPEX-SPX1129R-3.3 Datasheet
165Kb / 5P
   500mA Low Dropout Voltage Regulator
SPX1129R-3.3 SIPEX-SPX1129R-3.3 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX1129R-3.3/TR SIPEX-SPX1129R-3.3/TR Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results

Similar Description - SPX1129R-3-3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com