Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1202R Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX1202R
Description  600mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1202R Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX1202R Datasheet HTML 4Page - Sipex Corporation SPX1202R Datasheet HTML 5Page - Sipex Corporation SPX1202R Datasheet HTML 6Page - Sipex Corporation SPX1202R Datasheet HTML 7Page - Sipex Corporation SPX1202R Datasheet HTML 8Page - Sipex Corporation SPX1202R Datasheet HTML 9Page - Sipex Corporation SPX1202R Datasheet HTML 10Page - Sipex Corporation SPX1202R Datasheet HTML 11Page - Sipex Corporation SPX1202R Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Mar3-07
SPX202 600 mA Low Dropout Linear Regulator
© 2007 Sipex Corporation
ORDeRing inFORMATiOn
Part Number
Package
Code
RoHS Sta-
tus
Pack
Quantity
SPX202M3
SOT-223-3
OBS
Bulk
SPX202M3/TR
SOT-223-3
OBS
200
SPX202M3-2-
SOT-223-3
OBS
Bulk
SPX202M3-2-/TR
SOT-223-3
OBS
200
SPX202M3-3-0
SOT-223-3
OBS
Bulk
SPX202M3-3-0/TR
SOT-223-3
OBS
200
SPX202M3-3-3
SOT-23-3
EOL
Bulk
SPX202M3-3-3/TR
SOT-223-3
OBS
200
SPX202M3-L
SOT-223-3
OBS
Bulk
SPX202M3-L/TR
SOT-223-3
OBS
200
SPX202M3-L-2-
SOT-223-3
EOL
Bulk
SPX202M3-L-2-/TR SOT-223-3
OBS
200
SPX202M3-L-3-0
SOT-223-3
OBS
Bulk
SPX202M3-L-3-0/TR SOT-223-3
OBS
200
SPX202M3-L-3-3
SOT-223-3
EOL
Bulk
SPX202M3-L-3-3/TR SOT-223-3
OBS
200
SPX202R
TO-22
OBS
Bulk
SPX202R/TR
TO-22
OBS
2000
SPX202R-2-
TO-22
OBS
Bulk
SPX202R-2-/TR
TO-22
OBS
2000
SPX202R-3-0
TO-22
OBS
Bulk
SPX202R-3-0/TR
TO-22
OBS
2000
SPX202R-3-3
TO-22
OBS
Bulk
SPX202R-3-3/TR
TO-22
OBS
2000
SPX202R-L
TO-22
OBS
Bulk
SPX202R-L/TR
TO-22
OBS
2000
SPX202R-L-2-
TO-22
OBS
Bulk
SPX202R-L-2-/TR
TO-22
OBS
2000
SPX202R-L-3-0
TO-22
OBS
Bulk
SPX202R-L-3-0/TR
TO-22
OBS
2000
SPX202R-L-3-3
TO-22
OBS
Bulk
SPX202R-L-3-3/TR
TO-22
OBS
2000


Similar Part No. - SPX1202R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202R SIPEX-SPX1202R Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
SPX1202R SIPEX-SPX1202R Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
SPX1202R-1.5 SIPEX-SPX1202R-1.5 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
SPX1202R-2.5 SIPEX-SPX1202R-2.5 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
SPX1202R-2.5 SIPEX-SPX1202R-2.5 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
More results

Similar Description - SPX1202R

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
   600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
   600mA Low Dropout NPN Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
   600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com