Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA6588T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA6588T
Description  RDS/RBDS pre-processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA6588T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA6588T Datasheet HTML 2Page - NXP Semiconductors SAA6588T Datasheet HTML 3Page - NXP Semiconductors SAA6588T Datasheet HTML 4Page - NXP Semiconductors SAA6588T Datasheet HTML 5Page - NXP Semiconductors SAA6588T Datasheet HTML 6Page - NXP Semiconductors SAA6588T Datasheet HTML 7Page - NXP Semiconductors SAA6588T Datasheet HTML 8Page - NXP Semiconductors SAA6588T Datasheet HTML 9Page - NXP Semiconductors SAA6588T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1997 Sep 01
6
Philips Semiconductors
Product specification
RDS/RBDS pre-processor
SAA6588
FUNCTIONAL DESCRIPTION
General
The following functions are performed by the SAA6588:
• Selection of the RDS/RBDS signal from the MPX input
signal
• 57 kHz carrier regeneration
• Demodulation of the RDS/RBDS signal
• Symbol decoding
• RDS/RBDS block detection
• Error detection and correction of transmission errors
• Fast block synchronization and synchronization control
• Detection of multi-path distortion and audio signal
pauses
• Determination of the signal quality
• Mode control of processing and RDS/RBDS data output
via I2C-bus interface
• Sensing of pause and multi-path, information via extra
output pins.
The block diagram of the RDS/RBDS pre-processor is
shown in Fig.1. For the application of the device only a few
external components are required. The pre-processors
functional blocks are described in the following sections.
RDS/RBDS signal demodulation
BAND-PASS FILTER
The band-pass filter has a centre frequency of 57 kHz.
It selects the RDS/RBDS sub-band from the multiplex
signal MPX and suppresses the audio signal components.
The filter block contains an analog anti-aliasing filter at the
input followed by an 8th order switched capacitor
band-pass filter and a reconstruction filter at the output.
CLOCKED COMPARATOR
The comparator digitizes the output signal from the 57 kHz
band-pass filter for further processing by the digital
RDS/RBDS demodulator. To attain high sensitivity and to
avoid phase distortion, the comparator input stage
contains an automatic offset compensation.
DEMODULATION
The demodulator provides all functions of the SAA6579
but has improved performance under weak signal
conditions.
The demodulator includes:
• 57 kHz carrier regeneration from the two sidebands
(Costas loop)
• Symbol integration over one RDS clock period
• Bi-phase symbol decoding
• Differential decoding
• Synchronization of RDS/RBDS output data with clock.
The RDS/RBDS demodulator recovers and regenerates
the continuously transmitted RDS/RBDS data stream out
of the multiplex signal (MPX) and provides the internal
signals clock (RDCL) and data (RDDA) for further
processing by the RDS/RBDS decoder block.
RDS/RBDS data processing
The RDS/RBDS data processing of the pre-processor
handles the complete processing and decoding of the
continuous serial RDS/RBDS demodulator output data
stream.
Different data processing modes are software controllable
by the external main controller via I2C-bus.
Processed RDS/RBDS data blocks, decoder status
information and signal quality information are also
available via I2C-bus.
RDS/RBDS DECODER
The RDS/RBDS decoder contains:
• RDS/RBDS block detection
• Error detection and correction
• Synchronization
• Flywheel for synchronization hold
• Bit slip correction
• Data processing control
• RDS/RBDS data output.


Similar Part No. - SAA6588T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6581 PHILIPS-SAA6581 Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581T NXP-SAA6581T Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
More results

Similar Description - SAA6588T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7333 STMICROELECTRONICS-TDA7333 Datasheet
656Kb / 21P
   RDS/RBDS PROCESSOR
January 2005 Rev. 1
TDA7333N STMICROELECTRONICS-TDA7333N Datasheet
415Kb / 36P
   RDS/RBDS processor
logo
ON Semiconductor
LC72722PM ONSEMI-LC72722PM_17 Datasheet
976Kb / 18P
   RDS / RBDS Single-chip Signal Processor
June 2017 - Rev. 2
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
logo
NXP Semiconductors
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
   RDS/RBDS demodulator
2001 May 07
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
   RDS/RBDS demodulator
2003 Oct 10
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com